Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PE6158 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE6158
Description  50 Ohm 2 Watts Precision Brass TNC Male RF Load Up To 4 GHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE6158 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE6158 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE6158 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
50 Ohm 2 Watts Precision Brass TNC Male RF Load Up To 4 GHz
Configuration
RF Load Design
Precision
Connector
TNC Male
Heat Sink
Brass, Nickel
Connection Method
Standard
Body Style
Straight
Electrical Specifications
Frequency Range, GHz
DC to 4
Impedance, Ohms
50
Maximum VSWR
1.15:1
Maximum Input Power, Watts
2
Mechanical Specifications
Size
Length, in [mm]
0.825 [20.96]
Width/Dia., in [mm]
0.59 [14.99]
.
Connector
Type
TNC Male
Inner Conductor Material and Plating
Gold
Coupling Nut Material and Plating
Brass, Nickel
Body Material and Plating
Brass, Nickel
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
Plotted and Other Data
Notes:
Values at 25 °C, sea level
50 Ohm 2 Watts Precision Brass TNC Male RF Load Up To 4 GHz from Pasternack Enterprises has same day shipment for
domestic and International orders. Our RF, microwave and fiber optic products maintain a 99% availability and are part of the
broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 50 Ohm 2 Watts Precision Brass TNC Male RF Load Up To 4 GHz PE6158
URL: http://www.pasternack.com/2-watts-tnc-male-rf-load-up-to-4-ghz-pe6158-p.aspx
PE6158
PE6158 REV
50 Ohm 2 Watts Precision Brass TNC Male RF Load Up To 4 GHz


Similar Part No. - PE6158

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6158 PASTERNACK-PE6158 Datasheet
107Kb / 1P
TNC MALE TERMINATION
More results

Similar Description - PE6158

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6009 PASTERNACK-PE6009 Datasheet
237Kb / 2P
50 ohm 2 Watts Precision Brass N Male RF Load uppp
PE6011-50 PASTERNACK-PE6011-50 Datasheet
185Kb / 2P
50 Ohm 0.5 Watts Brass TNC Male RF Load Up To 1,000 MHz
PE6075 PASTERNACK-PE6075 Datasheet
247Kb / 2P
50 ohm 2 Watts precision Brass N Male RF Load With Chain Up To 18 GHz
PE6154 PASTERNACK-PE6154 Datasheet
234Kb / 1P
50 Ohm 2 Watts Brass N Male RF Load Up To 4 GHz
PE6176 PASTERNACK-PE6176 Datasheet
360Kb / 3P
50 Ohm 2 Watts Precision 2.92mm Male RF Load Up To 40 GHz
PE6178 PASTERNACK-PE6178 Datasheet
361Kb / 3P
50 Ohm 1 Watts Precision 2.4mm Male RF Load Up To 50 GHz
PE6151 PASTERNACK-PE6151 Datasheet
203Kb / 3P
50 Ohm 1 Watts Precision Brass SMA Male RF Load Up To 8 GHz
PE6227 PASTERNACK-PE6227 Datasheet
525Kb / 3P
50 Ohm 1 Watts Precision 2.4mm Male RF Load Up To 50 GHz
PE6149 PASTERNACK-PE6149_13 Datasheet
204Kb / 3P
50 Ohm 1 Watts Precision Brass SMA Male RF Load Up To 2.5 GHz
PE6157 PASTERNACK-PE6157_13 Datasheet
209Kb / 2P
50 Ohm 2 Watts Brass TNC Male RF Load Up To 2 GHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com