Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PE6165 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE6165
Description  1 Watt RF Load Up To 1,000 MHz With 75 Ohm BNC Male Input Nickel Plated Brass
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE6165 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE6165_15 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE6165_15 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE6165_15 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Configuration
Connector
BNC Male
Heat Sink
Brass, Nickel
Connection Method
Standard
Body Style
Straight
Electrical Specifications (Values at 25°C, sea level)
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
1,000
MHz
Impedance
75
Ohms
Input Power
1
Watts
.
Mechanical Specifications
Size
Length
1.107 in [28.12 mm]
Width/Dia.
0.571 in [14.5 mm]
.
Weight
0.04 lbs [18.14 g]
Connector
Type
BNC Male
Inner Conductor Material and Plating
Gold
Coupling Nut Material and Plating
Brass, Nickel
Body Material and Plating
Brass, Nickel
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
REACH Compliant
12/17/2014
Plotted and Other Data
Notes:
• Values at +25 °C, sea level
PE6165
PE6165 REV 1.2
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 1 Watt RF Load Up To 1,000 MHz With 75 Ohm BNC Male Input Nickel Plated Brass PE6165
1 Watt RF Load Up To 1,000 MHz With 75 Ohm
BNC Male Input Nickel Plated Brass
RF Terminations Technical Data Sheet


Similar Part No. - PE6165_15

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6165 PASTERNACK-PE6165 Datasheet
187Kb / 1P
75 OHM BNC MALE TERMINATION,1 %
More results

Similar Description - PE6165_15

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6011-50 PASTERNACK-PE6011-50 Datasheet
185Kb / 2P
50 Ohm 0.5 Watts Brass TNC Male RF Load Up To 1,000 MHz
PE6075 PASTERNACK-PE6075_16 Datasheet
425Kb / 3P
2 Watt RF Load With Chain Up to 18 GHz With N Male Input Nickel Plated Brass
PE6150 PASTERNACK-PE6150_16 Datasheet
417Kb / 3P
1 Watt RF Load Up to 4 GHz With SMA Male Input Gold Plated Brass
PE6151 PASTERNACK-PE6151_16 Datasheet
418Kb / 3P
1 Watt RF Load Up to 8 GHz With SMA Male Input Gold Plated Brass
PE6154 PASTERNACK-PE6154_16 Datasheet
442Kb / 4P
2 Watt RF Load Up to 4 GHz With N Male Input Nickel Plated Brass
PE6156 PASTERNACK-PE6156_16 Datasheet
419Kb / 3P
2 Watt RF Load Up to 4 GHz With BNC Male Input Nickel Plated Brass
PE6164 PASTERNACK-PE6164_16 Datasheet
423Kb / 4P
1 Watt RF Load Up to 12.4 GHz With QMA Male Input Nickel Plated Brass
PE6199 PASTERNACK-PE6199_16 Datasheet
419Kb / 3P
1 Watt RF Load Up to 6 GHz With MMCX Male Input Gold Plated Brass
PE6202 PASTERNACK-PE6202_16 Datasheet
420Kb / 3P
0.25 Watt RF Load Up to 3 GHz With 75 Ohm F Male Input Nickel Plated Zinc
PE7050-1 PASTERNACK-PE7050-1_16 Datasheet
227Kb / 3P
1 dB Fixed Attenuator, 75 Ohm BNC Male to 75 Ohm BNC Female Brass Nickel Body
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com