Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PE3C0124-36 Datasheet(PDF) 3 Page - Pasternack Enterprises, Inc.

Part # PE3C0124-36
Description  N Male to N Male Cable 36 Inch Length Using 1/4 inch Superflexible Coax
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3C0124-36 Datasheet(HTML) 3 Page - Pasternack Enterprises, Inc.

  PE3C0124-36 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3C0124-36 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3C0124-36 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE3C0124-36 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
How to Order
Part Number Configuration:
PE3C0124
-
xx
uu
|
|
|
Unit of Measure:
|
|
cm = Centimeters
|
|
<blank> = Inches
|
Length
|
Base Number
Example:
PE3C0124-12 = 12 inches long cable
PE3C0124-100cm = 100 cm long cable
N Male to N Male Cable 36 Inch Length Using 1/4 inch Superflexible Coax from Pasternack Enterprises has same day
shipment for domestic and International orders. Our RF, microwave and millimeter wave products maintain a 99% availability
and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: N Male to N Male Cable 36 Inch Length Using 1/4 inch Superflexible Coax PE3C0124-36
URL:
http://www.pasternack.com/n-male-n-male-pe-1-4-sfhc-cable-assembly-pe3c0124-36-p.aspx
PE3C0124-36 REV 1.1
RF Cable Assemblies Technical Data Sheet
N Male to N Male Cable 36 Inch Length
Using 1/4 inch Superflexible Coax
PE3C0124-36



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com