Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SA2002HSAR-20 Datasheet(PDF) 2 Page - Sames

Part # SA2002HSAR-20
Description  Single Phase Bidirectional Power
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA2002HSAR-20 Datasheet(HTML) 2 Page - Sames

  SA2002HSAR-20 Datasheet HTML 1Page - Sames SA2002HSAR-20 Datasheet HTML 2Page - Sames SA2002HSAR-20 Datasheet HTML 3Page - Sames SA2002HSAR-20 Datasheet HTML 4Page - Sames SA2002HSAR-20 Datasheet HTML 5Page - Sames SA2002HSAR-20 Datasheet HTML 6Page - Sames SA2002HSAR-20 Datasheet HTML 7Page - Sames SA2002HSAR-20 Datasheet HTML 8Page - Sames SA2002HSAR-20 Datasheet HTML 9Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
SPEC-3116 (REV. 9)
2/11
29-09-2017
SA2002H
ELECTRICAL CHARACTERISTICS
(VDD - VSS = 5V ± 10%, over the temperature range -40°C to +85°C, unless otherwise specified.)
Parameter
Symbol
Min
Typ
Max
Unit
Condition
General
Supply Voltage:
Positive
VDD
2.25
2.5
2.75
V
With respect to AGND
Supply Voltage:
Negative
VSS
-2.75
-2.5
-2.25
V
With respect to AGND
Supply Current:
Positive
IDD
3
5
mA
Supply Current:
Negative
ISS
-3
-5
mA
Analog Inputs
Current Sensor Inputs
(Differential)
Input Current Range
IRIIP, IRIIN
-25
25
μA
Peak value
Offset Voltage
VOIIP, VOIIN
-4
4
mV
With R = 4.7k
 connected
to AGND
Voltage Sensor Inputs
(Asymmetrical)
Input Current Range
IRIVP
-25
25
μA
Peak value
Offset Voltage
VOIVP
-4
4
mV
With R = 4.7k
 connected
to AGND
Digital Outputs
FOUT, FMO, DIR
Output High Voltage
Output Low Voltage
VOH
VOL
VDD-1
VSS+1
V
V
ISOURCE = 5mA
ISINK = 5mA
Pulse Rate FOUT
fp
1160
Hz
At rated input conditions
Pulse Width FOUT
tpp
tpn
71
143
μs
μs
Positive energy flow
Negative energy flow
On-chip Voltage Reference
Reference Voltage
VR
1.1
1.3
V
Reference Current
-IR
45
50
55
μA
With R = 24k
 connected
to VSS
Temperature Coefficient
TCR
10
70
ppm/ºC
On-chip Oscillator
Oscillator Frequency
fOSC
3.15
3.57
4.00
MHz
Temperature Coefficient
TCOSC
70
200
ppm/ºC
During manufacturing, testing and shipment we take great care to protect our products against potential external
environmental damage such as Electrostatic Discharge (ESD). Although our products have ESD protection circuitry,
permanent damage may occur on products subjected to high-energy electrostatic discharges accumulated on the
human body and/or test equipment that can discharge without detection. Therefore, proper ESD precautions are
recommended to avoid performance degradation or loss of functionality during product handling.
ATTENTION:
Electrostatic
sensitive device.
Requires special
handling.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com