Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GWJBLMS2.EM Datasheet(PDF) 1 Page - OSRAM GmbH

Part # GWJBLMS2.EM
Description  Indoor General Lighting
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

GWJBLMS2.EM Datasheet(HTML) 1 Page - OSRAM GmbH

  GWJBLMS2.EM Datasheet HTML 1Page - OSRAM GmbH GWJBLMS2.EM Datasheet HTML 2Page - OSRAM GmbH GWJBLMS2.EM Datasheet HTML 3Page - OSRAM GmbH GWJBLMS2.EM Datasheet HTML 4Page - OSRAM GmbH GWJBLMS2.EM Datasheet HTML 5Page - OSRAM GmbH GWJBLMS2.EM Datasheet HTML 6Page - OSRAM GmbH GWJBLMS2.EM Datasheet HTML 7Page - OSRAM GmbH GWJBLMS2.EM Datasheet HTML 8Page - OSRAM GmbH GWJBLMS2.EM Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
2016-06-15
1
2016-06-15
DURIS
® E 2
Datasheet
Version 1.1
GW JBLMS2.EM
The DURIS® E 2 combines high efficacy and a wide
beam angle into a compact format (2.0 mm x 1.6 mm).
It is ideal for lighting applications requiring a
homogeneous distributed light source, like tube
lighting, panel lighting, troffer.
The DURIS® E 2 combines high efficacy and a wide
beam angle into a compact format (2.0 mm x 1.6 mm).
It is ideal for lighting applications requiring a
homogeneous distributed light source, like tube
lighting, panel lighting, troffer.
Features:
Besondere Merkmale:
Package: white SMT package, colored diffused
silicone resin
Gehäusetyp: weißes SMT Gehäuse, farbiger
diffuser Silikon-Verguss
Viewing angle at 50 % I
V: 120°
Abstrahlwinkel bei 50 % I
V: 120°
Color: 2700 K - 6500 K (warm, neutral and cool
white)
Farbe: 2700 K - 6500 K (warm, neutral and cool
white)
CRI: min. 80 ( typ. 85 )
CRI: min. 80 ( typ. 85 )
Luminous Flux: typ. 25.5 lm @ 5000 K
Lichtstrom: typ. 25.5 lm @ 5000 K
Luminous efficacy: typ. 127 lm/W @ 5000 K
Lichtausbeute: typ. 127 lm/W @ 5000 K
Applications
Anwendungen
Indoor General Lighting
Innen-Allgemeinbeleuchtung
Linear lights
Linearbeleuchtung
Retrofits and fixtures
Retrofits
Task lights
Schreibtischleuchten


Similar Part No. - GWJBLMS2.EM

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
GWJBLMS1.EM OSRAM-GWJBLMS1.EM Datasheet
518Kb / 24P
white smt package, colored diffused silicone resin
More results

Similar Description - GWJBLMS2.EM

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
GWKAGHB1.EM OSRAM-GWKAGHB1.EM Datasheet
704Kb / 18P
Indoor General Lighting
GWKAHJB1.CM OSRAM-GWKAHJB1.CM Datasheet
768Kb / 19P
Indoor General Lighting
GWKAHLB1.CM OSRAM-GWKAHLB1.CM Datasheet
597Kb / 18P
Indoor General Lighting
GWKAHLB2.PM OSRAM-GWKAHLB2.PM Datasheet
1Mb / 18P
Indoor General Lighting
GWKAHNB1.CM OSRAM-GWKAHNB1.CM Datasheet
817Kb / 19P
Indoor General Lighting
GWKAGLB3.DM OSRAM-GWKAGLB3.DM Datasheet
822Kb / 17P
Indoor General Lighting
GWKAGMB3.EM OSRAM-GWKAGMB3.EM Datasheet
1Mb / 18P
Indoor General Lighting
GWJTLPS1.CM OSRAM-GWJTLPS1.CM Datasheet
1Mb / 26P
Indoor General Lighting
GWJTLPS2.CM OSRAM-GWJTLPS2.CM Datasheet
1Mb / 26P
Indoor General Lighting
GWJTLPS1.EM OSRAM-GWJTLPS1.EM Datasheet
1Mb / 26P
Indoor General Lighting
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com