Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GWJDSTS2.EM Datasheet(PDF) 14 Page - OSRAM GmbH

Part # GWJDSTS2.EM
Description  Indoor General Lighting
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

GWJDSTS2.EM Datasheet(HTML) 14 Page - OSRAM GmbH

Back Button GWJDSTS2.EM Datasheet HTML 10Page - OSRAM GmbH GWJDSTS2.EM Datasheet HTML 11Page - OSRAM GmbH GWJDSTS2.EM Datasheet HTML 12Page - OSRAM GmbH GWJDSTS2.EM Datasheet HTML 13Page - OSRAM GmbH GWJDSTS2.EM Datasheet HTML 14Page - OSRAM GmbH GWJDSTS2.EM Datasheet HTML 15Page - OSRAM GmbH GWJDSTS2.EM Datasheet HTML 16Page - OSRAM GmbH GWJDSTS2.EM Datasheet HTML 17Page - OSRAM GmbH GWJDSTS2.EM Datasheet HTML 18Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
ΔVF = VF - VF(25 °C) = f(Tj); IF = 65 mA
ΦV/ΦV(25 °C) = f(Tj); IF = 65 mA
ΔCx, ΔCy = f(Tj); IF = 65 mA
GW JDSTS2.EM
-40
-20
0
20
40
60
80
Tj [°C]
-0,10
-0,05
0,00
0,05
0,10
0,15
0,20
0,25
∆VF [V]
: GW JDSTS2-STD
: GW JDSTS2-PLUS
: GW JDSTS2-ECO
GW JDSTS2.EM
-40
-20
0
20
40
60
80
Tj [°C]
0,0
0,2
0,4
0,6
0,8
1,0
1,2
Φ
v
Φ
v(25°C)
: GW JDSTS2-STD
: GW JDSTS2-PLUS
: GW JDSTS2-ECO
GW JDSTS2.EM
-40
-20
0
20
40
60
80
Tj [°C]
-0,03
-0,02
-0,01
0,00
0,01
0,02
0,03
∆Cx
∆Cy
:
∆ Cx - GW JDSTS2-STD
:
∆ Cy - GW JDSTS2-STD
:
∆ Cx - GW JDSTS2-PLUS
:
∆ Cy - GW JDSTS2-PLUS
:
∆ Cx - GW JDSTS2-ECO
:
∆ Cy - GW JDSTS2-ECO
Relative Forward Voltage 5) page 25
Relative Vorwärtsspannung 5) Seite 25
Relative Luminous Flux 5) page 25
Relativer Lichtstrom 5) Seite 25
Chromaticity Coordinate Shift 5) page 25
Farbortverschiebung 5) Seite 25
2017-09-12
14
Version 3.0
GW JDSTS2.EM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com