Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GWKAFGB3.CM-QPQQ-35S3 Datasheet(PDF) 10 Page - OSRAM GmbH

Part # GWKAFGB3.CM-QPQQ-35S3
Description  Downlights
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

GWKAFGB3.CM-QPQQ-35S3 Datasheet(HTML) 10 Page - OSRAM GmbH

Back Button GWKAFGB3.CM-QPQQ-35S3 Datasheet HTML 6Page - OSRAM GmbH GWKAFGB3.CM-QPQQ-35S3 Datasheet HTML 7Page - OSRAM GmbH GWKAFGB3.CM-QPQQ-35S3 Datasheet HTML 8Page - OSRAM GmbH GWKAFGB3.CM-QPQQ-35S3 Datasheet HTML 9Page - OSRAM GmbH GWKAFGB3.CM-QPQQ-35S3 Datasheet HTML 10Page - OSRAM GmbH GWKAFGB3.CM-QPQQ-35S3 Datasheet HTML 11Page - OSRAM GmbH GWKAFGB3.CM-QPQQ-35S3 Datasheet HTML 12Page - OSRAM GmbH GWKAFGB3.CM-QPQQ-35S3 Datasheet HTML 13Page - OSRAM GmbH GWKAFGB3.CM-QPQQ-35S3 Datasheet HTML 14Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
Version 1.3
GW KAFGB3.CM
ΔVF = VF - VF(85 °C) = f(Tj); IF = 200 mA
ΦVV(85 °C) = f(Tj); IF = 200 mA
Cx, Cy = f(Tj); IF = 200 mA
GW KAFGB3.CM
-40 -20
0
20 40 60 80 100 120
Tj [°C]
-2
0
2
4
6
8
10
12
VF [V]
GW KAFGB3.CM
-40 -20
0
20 40 60 80 100 120
Tj [°C]
0,0
0,2
0,4
0,6
0,8
1,0
1,2
Φv
Φv(85°C)
GW KAFGB3.CM
-40 -20
0
20 40 60 80 100 120
Tj [°C]
-0,08
-0,06
-0,04
-0,02
0,00
0,02
0,04
0,06
0,08
Cx
Cy
: Cx -
: Cy -
2017-09-15
10
Relative Forward Voltage 5) page 17
Relative Vorwärtsspannung 5) Seite 17
Relative Luminous Flux 5) page 17
Relativer Lichtstrom 5) Seite 17
Farbortverschiebung 5) Seite 17
Chromaticity Coordinate Shift 5) page 17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com