Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD5522JSVDZ Datasheet(PDF) 50 Page - Analog Devices

Part # AD5522JSVDZ
Description  Quad Parametric Measurement Unit with Integrated 16-Bit Level Setting DACs
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5522JSVDZ Datasheet(HTML) 50 Page - Analog Devices

Back Button AD5522JSVDZ Datasheet HTML 46Page - Analog Devices AD5522JSVDZ Datasheet HTML 47Page - Analog Devices AD5522JSVDZ Datasheet HTML 48Page - Analog Devices AD5522JSVDZ Datasheet HTML 49Page - Analog Devices AD5522JSVDZ Datasheet HTML 50Page - Analog Devices AD5522JSVDZ Datasheet HTML 51Page - Analog Devices AD5522JSVDZ Datasheet HTML 52Page - Analog Devices AD5522JSVDZ Datasheet HTML 53Page - Analog Devices AD5522JSVDZ Datasheet HTML 54Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 65 page
background image
Data Sheet
AD5522
Rev. E | Page 49 of 64
Bit
Bit Name
Description
14
MEAS1
The MEAS1 and MEAS0 bits specify the required measure mode, allowing the MEASOUTx line to be disabled,
connected to the temperature sensor, or enabled for measurement of current or voltage.
13
MEAS0
MEAS1
MEAS0
Action
0
0
MEASOUTx is connected to ISENSE
0
1
MEASOUTx is connected to VSENSE
1
0
MEASOUTx is connected to the temperature sensor
1
1
MEASOUTx is high-Z (SW12 open)
12
FIN
This bit sets the status of the force input (FIN) amplifier.
0 = input of the force amplifier switched to GND.
1 = input of the force amplifier connected to the FIN DAC output.
11
SF0
The SF0 and SS0 bits specify the switching of system force and sense lines to the force and sense paths at the
DUT. The channel to which the system force and system sense lines are connected is set by the PMU3 to PMU0
bits. For correct operation, only one PMU channel should be connected to the SYS_FORCE and SYS_SENSE
paths at any one time.
10
SS0
SF0
SS0
Action
0
0
SYS_FORCE and SYS_SENSE are high-Z for the selected channel
0
1
SYS_FORCE is high-Z and SYS_SENSE is connected to MEASVHx for the selected channels
1
0
SYS_FORCE is connected to FOHx and SYS_SENSE is high-Z for the selected channel
1
1
SYS_FORCE is connected to FOHx and SYS_SENSE is connected to MEASVHx for the selected
channel
9
CL
Per-PMU current or voltage clamp enable bit. A logic high enables the clamp function for the selected PMU. The
clamp enable function is also available in the system control register. This dual functionality allows flexible
enabling or disabling of this function. When reading back information about the status of the clamp enable
function on a per-channel basis, the data that was most recently written to the clamp register is available in the
readback word from either the PMU register or the system control register.
8
CPOLH
Comparator output enable bit. By default, the comparator outputs are high-Z on power-on. A logic high enables
the comparator output for the selected PMU. The comparator function CPBIASEN (Bit 13 in the system control
register), must be enabled. The comparator output enable function is also available in the system control register.
This dual functionality allows flexible enabling or disabling of this function. When reading back information about
the status of the comparator enable function, the data that was most recently written to the comparator status
register is available in the readback word from either the PMU register or the system control register.
7
Compare
V/I
A logic high selects the compare voltage function; a logic low selects the compare current function.
6
Clear
To clear or reset a latched alarm bit and pin (temperature, guard, or clamp), write a 1 to this bit. This bit applies
to latched alarm conditions (clamp and guard) on all four PMU channels.
5
Unused
Unused bits. Set to 0.
4
3
2
1
0 (LSB)
1
Writing 101 in Bit 17 to Bit 15 disables the always on mode for the external current range buffer. Use with FV mode (FORCE1 = FORCE0 = 0) only. To complete the
disabling of the always on mode, the PMU channel is placed into high-Z mode and the external current range buffer is returned to its default operation (off).
2
Writing 110 in Bit 17 to Bit 15 places the external current range buffer into always on mode. In this mode, the buffer is always active with no regard to the selected current
range. The always on mode is intended for use where an external high current stage is being used for a current drive in excess of ±80 mA; having the internal stage
always on should help to eliminate timing concerns when transitioning between this current range and other ranges. When first enabling the always on mode, use it in
conjunction with FV mode (FORCE1 = FORCE0 = 0); the device now enables the external current range buffer. The 110 code also places the device into high-Z mode
(necessary to complete the enabling function). To return to an FV or FI operating mode, select the appropriate mode and current range. The external range sense
resistor is connected to an MI circuit only when the external current range address is selected (C2 to C0 are set to 100). The default operation at power-on is disabled
(or off).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com