Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD8283CP-EBZ Datasheet(PDF) 21 Page - Analog Devices

Part # AD8283CP-EBZ
Description  Radar Receive Path AFE: 6-Channel LNA/PGA/AAF with ADC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8283CP-EBZ Datasheet(HTML) 21 Page - Analog Devices

Back Button AD8283CP-EBZ Datasheet HTML 17Page - Analog Devices AD8283CP-EBZ Datasheet HTML 18Page - Analog Devices AD8283CP-EBZ Datasheet HTML 19Page - Analog Devices AD8283CP-EBZ Datasheet HTML 20Page - Analog Devices AD8283CP-EBZ Datasheet HTML 21Page - Analog Devices AD8283CP-EBZ Datasheet HTML 22Page - Analog Devices AD8283CP-EBZ Datasheet HTML 23Page - Analog Devices AD8283CP-EBZ Datasheet HTML 24Page - Analog Devices AD8283CP-EBZ Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
AD8283
Data Sheet
Rev. C | Page 20 of 27
DON’T CARE
DON’T CARE
DON’T CARE
DON’T CARE
SDIO
SCLK
CS
tS
tDH
tHI
tCLK
tLO
tDS
tH
R/W
W1
W0
A12
A11
A10
A9
A8
A7
D5
D4
D3
D2
D1
D0
Figure 32. Serial Timing Details
Table 8. Serial Timing Definitions
Parameter
Minimum Timing (ns)
Description
tDS
5
Setup time between the data and the rising edge of SCLK
tDH
2
Hold time between the data and the rising edge of SCLK
tCLK
40
Period of the clock
tS
5
Setup time between CS and SCLK
tH
2
Hold time between CS and SCLK
tHI
16
Minimum period that SCLK should be in a logic high state
tLO
16
Minimum period that SCLK should be in a logic low state
tEN_SDIO
10
Minimum time for the SDIO pin to switch from an input to an output relative to the SCLK
falling edge (not shown in Figure 32).
tDIS_SDIO
10
Minimum time for the SDIO pin to switch from an output to an input relative to the SCLK
rising edge (not shown in Figure 32)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com