Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DMNH4005SCT Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DMNH4005SCT
Description  N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMNH4005SCT Datasheet(HTML) 1 Page - Diodes Incorporated

  DMNH4005SCT Datasheet HTML 1Page - Diodes Incorporated DMNH4005SCT Datasheet HTML 2Page - Diodes Incorporated DMNH4005SCT Datasheet HTML 3Page - Diodes Incorporated DMNH4005SCT Datasheet HTML 4Page - Diodes Incorporated DMNH4005SCT Datasheet HTML 5Page - Diodes Incorporated DMNH4005SCT Datasheet HTML 6Page - Diodes Incorporated DMNH4005SCT Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
DMNH4005SCT
Document number: DS38096 Rev. 2 - 2
1 of 7
www.diodes.com
July 2016
© Diodes Incorporated
DMNH4005SCT
40V +175°C N-CHANNEL ENHANCEMENT MODE MOSFET
Product Summary
BVDSS
RDS(ON)
ID
TC = +25°C
40V
4.0
mΩ @ VGS = 10V
150A
Description
This new generation Enhancement Mode MOSFET is designed to
minimize RDS(ON) and yet maintain superior switching performance,
making it ideal for high efficiency power management applications.
Applications
Motor Control
Backlighting
DC-DC Converters
Power Management Functions
Features
Low Input Capacitance
Low Input/Output Leakage
Lead-Free Finish; RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Qualified to AEC-Q101 Standards for High Reliability
An Automotive-Compliant Part is Available Under Separate
Datasheet (DMNH4005SCTQ)
Mechanical Data
Case: TO220AB
Case Material: Molded Plastic
, “Green” Molding Compound, UL
Flammability Classification Rating 94V-0
Terminals: Matte Tin Finish Annealed over Copper Leadframe.
Solderable per MIL-STD-202, Method 208
Terminal Connections: See Diagram Below
Weight: 1.85 grams (Approximate)
Ordering Information (Note 4)
Part Number
Case
Packaging
DMNH4005SCT
TO220AB
50 Pieces/Tube
Notes:
1. EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant. All applicable RoHS exemptions applied.
2. See http://www.diodes.com/quality/lead_free.html
for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at http://www.diodes.com/products/packages.html.
Marking Information
Equivalent Circuit
Top View
Pin Out Configuration
D
S
G
Top View
Bottom View
= Manufacturer’s Marking
4005SCT = Product Type Marking Code
YYWW = Date Code Marking
YY = Last Two Digits of Year (ex: 16 = 2016)
WW = Week (01 to 53)
TO220AB
Green
YYWW
4005SCT


Similar Part No. - DMNH4005SCT

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
DMNH4005SCT ISC-DMNH4005SCT Datasheet
305Kb / 2P
isc N-Channel MOSFET Transistor
logo
Diodes Incorporated
DMNH4005SCTQ DIODES-DMNH4005SCTQ Datasheet
494Kb / 7P
N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 1
More results

Similar Description - DMNH4005SCT

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
GFP60N03 GE-GFP60N03 Datasheet
115Kb / 5P
N-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPN1012 SYNC-POWER-SPN1012 Datasheet
198Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN1423A SYNC-POWER-SPN1423A Datasheet
211Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN3406 SYNC-POWER-SPN3406 Datasheet
198Kb / 8P
N-Channel Enhancement Mode MOSFET
logo
Stanson Technology
ST2302M STANSON-ST2302M Datasheet
170Kb / 6P
N Channel Enhancement Mode MOSFET
logo
SYNC POWER Crop.
SPN4920A SYNC-POWER-SPN4920A Datasheet
235Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN4972 SYNC-POWER-SPN4972 Datasheet
242Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN8080 SYNC-POWER-SPN8080 Datasheet
239Kb / 10P
N-Channel Enhancement Mode MOSFET
SPN9507 SYNC-POWER-SPN9507 Datasheet
237Kb / 9P
N-Channel Enhancement Mode MOSFET
SPN9971 SYNC-POWER-SPN9971 Datasheet
269Kb / 10P
N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com