Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M54585P Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part # M54585P
Description  8-UNIT 500mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M54585P Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  M54585P Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M54585P Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M54585P Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M54585P Datasheet HTML 4Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Aug. 1999
PIN CONFIGURATION
MITSUBISHI SEMICONDUCTOR <TRANSISTOR ARRAY>
M54585P/FP
8-UNIT 500mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
DESCRIPTION
M54585P and M54585FP are eight-circuit Darlington tran-
sistor arrays with clamping diodes. The circuits are made of
NPN transistors. Both the semiconductor integrated circuits
perform high-current driving with extremely low input-current
supply.
FEATURES
High breakdown voltage (BVCEO
≥ 50V)
High-current driving (Ic(max) = 500mA)
With clamping diodes
Driving available with TTL output or with PMOS IC output
Wide operating temperature range (Ta = –20 to +75
°C)
APPLICATION
Drives of relays and printers, digit drives of indication ele-
ments such as LEDs and lamps, and MOS-bipolar logic IC
interfaces
FUNCTION
The M54585P and M54585FP each have eight circuits,
which are NPN Darlington transistors. Input transistors have
resistance of 2.7k
Ω between the base and input pin. A spike-
killer clamping diode is provided between each output pin
and GND. Output transistor emitters are all connected to the
GND pin.
Collector current is 500mA maximum. The maximum collec-
tor-emitter voltage is 50V.
The M54585FP is enclosed in a molded small flat package,
enabling space-saving design.
CIRCUIT DIAGRAM
7.2K
3K
2.7K
COM
GND
INPUT
OUTPUT
The diode, indicated with the dotted line, is parasitic, and cannot
be used.
Unit :
Ω
The eight circuits share the COM and GND.
1
IN1
→
IN2
→
IN3
→
IN4
→
IN5
→
IN6
→
IN7
→
→COM COMMON
→O8
IN8
→
GND
2
3
4
5
6
7
8
9
18
17
16
15
14
13
12
11
10
→O7
→O6
→O5
→O4
→O3
→O2
→O1 
1
NC
IN1
→
IN2
→
IN3
→
IN4
→
IN5
→
IN6
→
COMMON
→O8
IN7
→
IN8
→
2
3
4
5
6
7
8
9
20
19
18
17
16
15
14
13
12
→COM
GND
10
11
→O7
→O6
→O5
→O4
→O2
→O3
→O1
NC
NC : No connection
Package type 18P4G(P)
INPUT
OUTPUT
INPUT
OUTPUT
Package type 20P2N-A(FP)


Similar Part No. - M54585P

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
M54585KP POWEREX-M54585KP Datasheet
82Kb / 4P
8-UNIT 500mA DARLINGTON TRANSISTOR-ARRAY WITH CLAMP DIODE
logo
Mitsubishi Electric Sem...
M54585KP MITSUBISHI-M54585KP Datasheet
74Kb / 4P
8-UNIT 500mA DARLINGTON TRANSISTOR-ARRAY WITH CLAMP DIODE
M54585WP MITSUBISHI-M54585WP Datasheet
230Kb / 5P
8-Unit 500mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
More results

Similar Description - M54585P

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M54562P MITSUBISHI-M54562P Datasheet
81Kb / 4P
8-UNIT 500mA SOURCE TYPE DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
M54587P MITSUBISHI-M54587P Datasheet
44Kb / 5P
8-UNIT 500mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
logo
Powerex Power Semicondu...
M54585KP POWEREX-M54585KP Datasheet
82Kb / 4P
8-UNIT 500mA DARLINGTON TRANSISTOR-ARRAY WITH CLAMP DIODE
logo
Mitsubishi Electric Sem...
M54585KP MITSUBISHI-M54585KP Datasheet
74Kb / 4P
8-UNIT 500mA DARLINGTON TRANSISTOR-ARRAY WITH CLAMP DIODE
M63820FP MITSUBISHI-M63820FP Datasheet
44Kb / 2P
8-UNIT 500mA DARLINGTON TRANSISTOR-ARRAY WITH CLAMP DIODE
M63836FP MITSUBISHI-M63836FP Datasheet
74Kb / 4P
8-UNIT 500mA DARLINGTON TRANSISTOR-ARRAY WITH CLAMP DIODE
M54562P MITSUBISHI-M54562P_12 Datasheet
89Kb / 4P
8-UNIT 500mA SOURCE TYPE DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
M54585WP MITSUBISHI-M54585WP Datasheet
230Kb / 5P
8-Unit 500mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
M63836FP MITSUBISHI-M63836FP_06 Datasheet
75Kb / 4P
8-UNIT 500mA DARLINGTON TRANSISTOR-ARRAY WITH CLAMP DIODE
M63840FP MITSUBISHI-M63840FP Datasheet
281Kb / 6P
8-UNIT 500mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE SOURCE TYPE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com