Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSL04 Datasheet(PDF) 2 Page - STMicroelectronics

Part # DSL04
Description  Low capacitance TVS for high speed lines such as xDSL
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

DSL04 Datasheet(HTML) 2 Page - STMicroelectronics

  DSL04 Datasheet HTML 1Page - STMicroelectronics DSL04 Datasheet HTML 2Page - STMicroelectronics DSL04 Datasheet HTML 3Page - STMicroelectronics DSL04 Datasheet HTML 4Page - STMicroelectronics DSL04 Datasheet HTML 5Page - STMicroelectronics DSL04 Datasheet HTML 6Page - STMicroelectronics DSL04 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Characteristics
DSL04
2/7
DocID022867 Rev 2
1
Characteristics
Table 1. Absolute ratings (Tamb = 25 °C)
Symbol
Parameter
Value
Unit
Vpp
Peak pulse voltage
IEC 61000-4-5 contact discharge
30
kV
Ipp
Peak pulse current
8/20µs
15
A
Tstg
Storage temperature range
-55 to 150
°C
Tj
Operating junction temperature range
-40 to 125
°C
TL
Maximum temperature for soldering during 10s
260
°C
Table 2. Electrical characteristics (Tamb = 25 °C)
Order code
IRM @ VRM
VBR @ IBR
VCL @ IPP
8/20 µs
C
ΔC
Max.
µA
V
Min.
V
mA
Max.
V
A
Typ. (1)
pF
Max.(1)
pF
Typ.(2)
pF
DSL04-005SC6
0.2
5
6.5
1
20
15
1
3
0.3
DSL04-008SC6
0.2
8
10
1
25
15
1
3
0.3
DSL04-010SC6
0.2
10
11
1
27
15
1
3
0.3
DSL04-012SC6
0.2
12
14
1
31
15
1
3
0.3
DSL04-016SC6
0.2
16
20
1
37
15
1
3
0.3
DSL04-018SC6
0.2
18
21
1
39
15
1
3
0.3
DSL04-020SC6
0.2
20
23
1
42
15
1
3
0.3
DSL04-022SC6
0.2
22
25
1
45
15
1
3
0.3
DSL04-024SC6
0.2
24
27
1
52
15
1
3
0.3
1. Test conditions: VR = 2 V bias, VRMS = 1 V, F = 1 MHz
2. Measured between 1 V and VRM



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com