Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

KYDMLN31.23 Datasheet(PDF) 8 Page - OSRAM GmbH

Part # KYDMLN31.23
Description  SYNIOS P2720
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

KYDMLN31.23 Datasheet(HTML) 8 Page - OSRAM GmbH

Back Button KYDMLN31.23 Datasheet HTML 4Page - OSRAM GmbH KYDMLN31.23 Datasheet HTML 5Page - OSRAM GmbH KYDMLN31.23 Datasheet HTML 6Page - OSRAM GmbH KYDMLN31.23 Datasheet HTML 7Page - OSRAM GmbH KYDMLN31.23 Datasheet HTML 8Page - OSRAM GmbH KYDMLN31.23 Datasheet HTML 9Page - OSRAM GmbH KYDMLN31.23 Datasheet HTML 10Page - OSRAM GmbH KYDMLN31.23 Datasheet HTML 11Page - OSRAM GmbH KYDMLN31.23 Datasheet HTML 12Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
2016-08-16
8
Version 1.3
KY DMLN31.23
Forward Current 6) page 21 , 7) page 21
Durchlassstrom 6) Seite 21 , 7) Seite 21
IF = f (VF); TS = 25 °C
Relative Luminous Flux 6) page 21 , 7) page 21
Relativer Lichtstrom 6) Seite 21 , 7) Seite 21
ΦV/ΦV(200 mA) = f(IF); TS = 25 °C
KY DMLN31.23
1,6
2,5
1,8
2,0
2,2
2,4
VF [V]
5
50
100
150
200
250
IF [mA]
KY DMLN31.23
5
50
10
0
15
0
20
0
25
0
IF [mA]
0,0
0,2
0,4
0,6
0,8
1,0
1,2
Φ
V
Φ
V(200mA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com