Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LJCKBP Datasheet(PDF) 1 Page - OSRAM GmbH

Part # LJCKBP
Description  OSLON Signal
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LJCKBP Datasheet(HTML) 1 Page - OSRAM GmbH

  LJCKBP Datasheet HTML 1Page - OSRAM GmbH LJCKBP Datasheet HTML 2Page - OSRAM GmbH LJCKBP Datasheet HTML 3Page - OSRAM GmbH LJCKBP Datasheet HTML 4Page - OSRAM GmbH LJCKBP Datasheet HTML 5Page - OSRAM GmbH LJCKBP Datasheet HTML 6Page - OSRAM GmbH LJCKBP Datasheet HTML 7Page - OSRAM GmbH LJCKBP Datasheet HTML 8Page - OSRAM GmbH LJCKBP Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
2016-03-29
1
2016-03-29
OSLON Signal
Datasheet
Version 1.2
LJ CKBP
OSLON Signal 120
OSLON Signal 120
Features:
Besondere Merkmale:
•
Package: SMD ceramic package with silicone
resin with lens
•
Gehäusetyp: SMD Keramik Gehäuse mit
Silikonverguss und Linse
•
Technology: InGaAlP Thinfilm
•
Technologie: InGaAlP Thinfilm
•
Viewing angle at 50 % I
V: 125°
•
Abstrahlwinkel bei 50 % I
V: 125°
•
Color: red (625 nm)
•
Farbe: rot (625 nm)
•
ESD - withstand voltage: 8 kV acc. to
ANSI/ESDA/JEDEC JS-001 (HBM, Class 3B)
•
ESD - Festigkeit: 8 kV nach ANSI/ESDA/JEDEC
JS-001 (HBM, Klasse 3B)
•
Corrosion Robustness: Improved corrosion
robustness
•
Korrosionsstabilität: Verbesserte
Korrosionsstabilität
Applications
Anwendungen
•
Signaling
•
Signalanlagen
•
Fog lamp
•
Nebelscheinwerfer
•
Signal and Symbol Luminary
•
Signal- und Symbolleuchten
•
Traffic lights
•
Ampelanlagen
•
Architectural Lighting indoor
•
Architekturbeleuchtung innen


Similar Part No. - LJCKBP

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LJCKBP OSRAM-LJCKBP Datasheet
1,001Kb / 22P
OSLON Signal
LJCKBP-HYKX-47-1 OSRAM-LJCKBP-HYKX-47-1 Datasheet
977Kb / 22P
SMD ceramic package with silicone resin with lens
LJCKBP-HYKX-47-1 OSRAM-LJCKBP-HYKX-47-1 Datasheet
1,001Kb / 22P
OSLON Signal
LJCKBP-JYKY-36-1 OSRAM-LJCKBP-JYKY-36-1 Datasheet
977Kb / 22P
SMD ceramic package with silicone resin with lens
LJCKBP-JYKY-36-1 OSRAM-LJCKBP-JYKY-36-1 Datasheet
1,001Kb / 22P
OSLON Signal
More results

Similar Description - LJCKBP

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LBCRBP OSRAM-LBCRBP Datasheet
938Kb / 21P
OSLON Signal
LCBCRBP OSRAM-LCBCRBP Datasheet
1,018Kb / 22P
OSLON Signal
LTCQBP OSRAM-LTCQBP Datasheet
966Kb / 21P
OSLON Signal
GWCSSRM2.EM OSRAM-GWCSSRM2.EM Datasheet
1Mb / 25P
OSLON Square
LVCQBP OSRAM-LVCQBP Datasheet
987Kb / 23P
OSLON Signal
LYCKBP OSRAM-LYCKBP Datasheet
960Kb / 21P
OSLON Signal
LTCQBP OSRAM-LTCQBP_18 Datasheet
964Kb / 21P
OSLON Signal
LCYCLBP OSRAM-LCYCLBP Datasheet
766Kb / 22P
OSLON Signal
LRH9GP OSRAM-LRH9GP Datasheet
620Kb / 21P
OSLON Black
LJCKBP OSRAM-LJCKBP_18 Datasheet
1,001Kb / 22P
OSLON Signal
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com