Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

F10C40C Datasheet(PDF) 1 Page - Thinki Semiconductor Co., Ltd.

Part # F10C40C
Description  10.0 Ampere Heatsink Dual Doubler Polarity Fast Recovery Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINKISEMI [Thinki Semiconductor Co., Ltd.]
Direct Link  http://www.thinkisemi.com
Logo THINKISEMI - Thinki Semiconductor Co., Ltd.

F10C40C Datasheet(HTML) 1 Page - Thinki Semiconductor Co., Ltd.

  F10C40C Datasheet HTML 1Page - Thinki Semiconductor Co., Ltd. F10C40C Datasheet HTML 2Page - Thinki Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
※
Fast switching for high efficiency
※
Low forward voltage drop
※
High current capability
※
Low reverse leakage current
※
High surge current capability
Application
※
Automotive Inverters and Solar Inverters
※
Car Audio Amplifiers and Sound Device Systems
※
Plating Power Supply,Motor Control,UPS and SMPS etc.
Mechanical Data
※
Case: Open Heatsink Package TO-220AB
※
Epoxy: UL 94V-0 rate flame retardant
※
Terminals: Solderable per MIL-STD-202 method 208
※
Polarity: As marked on diode body
※
Mounting position: Any
※
Weight: 2.2 gram approximately
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25℃ ambient temperature unless otherwise specified.
Single phase,half wave,60Hz,resistive or inductive load.
For capacitive load, derate current by 20%.
SYMBOL
F10C20C
F10C20A
F10C20D
F10C20S
UNIT
VRRM
200
400
600
V
VRMS
140
280
420
V
VDC
200
400
600
V
IF(AV)
A
IFSM
A
VF
0.98
1.3
1.7
V
IR
μA
μA
Trr
nS
CJ
pF
RθJC
°C/W
TJ,TSTG
°C
Note:(1)Reverse recovery test conditions IF = 0.5A, IR = 1.0A, Irr = 0.25A.
Note:(2)Measured at 1.0 MHz and applied reverse voltage of 4.0 Volts DC.
Note:(3)Thermal Resistance junction to case.
Typical Junction Capacitance (Note 2)
65
Typical Thermal Resistance (Note 3)
1.5
Operating Junction and Storage
Temperature Range
-55 to +150
Maximum Reverse Recovery Time (Note1)
35
PARAMETER
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified
Current Tc=100°C
(Total Device 2x5.0A=10.0A)
10.0
Peak Forward Surge Current, 8.3ms single Half
sine-wave superimposed on rated load (JEDEC
method)
125
Maximum Instantaneous Forward Voltage
@5.0A
(Per Diode/Per Leg)
Maximum DC Reverse Current @TJ=25°C
At Rated DC Blocking Voltage @TJ=125°C
5.0
100
F10C20D thru F10C60D
Pb Free Plating Product
F10C20D/F10C40D/F10C60D
Pb
10.0 Ampere Heatsink Dual Doubler Polarity Fast Recovery Rectifiers
© 1995 Thinki Semiconductor Co., Ltd.
http://www.thinkisemi.com.tw/
Page 1/2
Rev.08T
TO-220AB(TO-220-3L)
Unit:inch(mm)
.196(5.00)
.054(1.39)
.038(0.96)
.419(10.66)
.139(3.55)
MIN
.163(4.16)
.045(1.15)
.019(0.50)
.025(0.65)MAX
.1(2.54)
.1(2.54)
.387(9.85)
Positive
Negative
Common Cathode
Case
Case
Common Anode
Doubler
Case
Tandem Polarity
Case
Series
Tandem Polarity
Suffix "A"
Suffix "D"
Suffix "S"
Suffix "C"
F10C40C
F10C40A
F10C40D
F10C40S
F10C60C
F10C60A
F10C60D
F10C60S


Similar Part No. - F10C40C

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
F10C40C THINKISEMI-F10C40C Datasheet
644Kb / 2P
10.0 Ampere Dual Common Anode Ultra Fast Recovery Rectifiers
F10C40C THINKISEMI-F10C40C Datasheet
283Kb / 2P
10.0 Ampere Heatsink Dual Common Anode Fast Recovery Rectifiers
F10C40C THINKISEMI-F10C40C Datasheet
290Kb / 2P
10.0 Ampere Heatsink Dual Common Cathode Fast Recovery Rectifiers
F10C40CT THINKISEMI-F10C40CT Datasheet
282Kb / 2P
10.0 Ampere Heatsink Dual Common Cathode Super Fast Recovery Rectifiers
Edition:20210604-V2
More results

Similar Description - F10C40C

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
U10C20D THINKISEMI-U10C20D Datasheet
281Kb / 2P
10.0 Ampere Heatsink Dual Doubler Polarity Ultra Fast Recovery Rectifiers
MUR1020DT THINKISEMI-MUR1020DT Datasheet
293Kb / 2P
10.0 Ampere Heatsink Dual Doubler Polarity Fast Recovery Rectifiers
MUR1020CTD THINKISEMI-MUR1020CTD Datasheet
291Kb / 2P
10.0 Ampere Heatsink Dual Doubler Polarity Fast Recovery Rectifiers
SF101CD THINKISEMI-SF101CD Datasheet
273Kb / 2P
10.0 Ampere Heatsink Dual Doubler Polarity Super Fast Recovery Rectifiers
SF101CTD THINKISEMI-SF101CTD Datasheet
273Kb / 2P
10.0 Ampere Heatsink Dual Doubler Polarity Super Fast Recovery Rectifiers
SF101D THINKISEMI-SF101D Datasheet
273Kb / 2P
10.0 Ampere Heatsink Dual Doubler Polarity Super Fast Recovery Rectifiers
UF10C20D THINKISEMI-UF10C20D Datasheet
264Kb / 2P
10.0 Ampere Heatsink Dual Doubler Polarity Ultra Fast Recovery Rectifiers
VF10C20D THINKISEMI-VF10C20D Datasheet
264Kb / 2P
10.0 Ampere Heatsink Dual Doubler Polarity Ultra Fast Recovery Rectifiers
MUR1020CD THINKISEMI-MUR1020CD Datasheet
269Kb / 2P
10.0 Ampere Heatsink Dual Doubler Polarity Ultra Fast Recovery Rectifiers
Rev.07T
MUR1020CR THINKISEMI-MUR1020CR Datasheet
266Kb / 2P
10.0 Ampere Heatsink Dual Doubler Polarity Ultra Fast Recovery Rectifiers
Rev.07T
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com