Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC6915 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC6915
Description  Zero Drift, Precision Instrumentation Amplifier with Digitally Programmable Gain
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6915 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC6915 Datasheet HTML 8Page - Linear Technology LTC6915 Datasheet HTML 9Page - Linear Technology LTC6915 Datasheet HTML 10Page - Linear Technology LTC6915 Datasheet HTML 11Page - Linear Technology LTC6915 Datasheet HTML 12Page - Linear Technology LTC6915 Datasheet HTML 13Page - Linear Technology LTC6915 Datasheet HTML 14Page - Linear Technology LTC6915 Datasheet HTML 15Page - Linear Technology LTC6915 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
LTC6915
14
6915f
Settling Time
The sampling rate is 3kHz and the input sampling period
during which CS is charged to the input differential voltage,
VIN, is approximately 150µs. First assume that on each
input sampling period, CS is charged fully to VIN . Since CS
= CH (= 1000pF), a change in the input will settle to N bits
of accuracy at the op amp noninverting input after N clock
cycles or 333
µs(N). The settling time at the OUT pin is also
affected by the internal op amp. Since the gain bandwidth
of the internal op amp is typically 200kHz, the settling time
is dominated by the switched-capacitor front end for gains
below 100 (see the Low Gain Settling Time vs Settling
Accuracy and the Settling Time vs Gain graphs in the
Typical Performance Characteristics section). In addition,
the worst case settling time after a device-enable (active
low on Pin 1 of a GN package) is equal to the settling due
to the gain plus the input settling time (333
µs • N). For
example, if an LTC6915 is enabled with a logic high on
Pin 1 then, the maximum settling time to 10 bits of
accuracy (0.1%) and a gain equal to 100 is 8.33ms
([333
µs • 1024] + 5ms).
Input Current
Whenever the differential input VIN changes, CH must be
charged up to the new input voltage via CS. This results in
an input charging current during each input sampling
period. Eventually, CH and CS will reach VIN and ideally, the
input current would go to zero for DC inputs.
In reality, there are additional parasitic capacitors which
disturb the charge on CS every cycle even if VIN is a DC
voltage. For example, the parasitic bottom plate capacitor
on CS must be charged from the voltage on the REF pin to
the voltage on the INpin every cycle. The resulting input
charging current decays exponentially during each input
sampling period with a time constant equal to RSCS. If the
voltage disturbance due to these currents settles before
the end of the sampling period, there will be no errors due
to source resistance or the source resistance mismatch
between IN+ and IN. With RS less than 10k, no DC errors
occur due to input current mismatch.
In the Typical Performance Characteristics section of this
data sheet, there are curves showing the additional error
from non-zero source resistance in the inputs. If there
are no large capacitors across the inputs, the amplifier is
less sensitive to source resistance and source resistance
mismatch. When large capacitors are placed across the
OPERATIO
inputs, the input charging currents are placed across the
inputs. The input charging currents described above re-
sult in larger DC errors, especially with source resistor
mismatches.
Power Supply Bypassing
In a dual supply operation, connect a 0.1
µF bypass capaci-
tor from each power supply pin (V+ and V) to an analog
round plance surrounding an LTC6915. The bypass
capacitor trace to the supply pins must be less than
0.2 inches (an X7R or X5R capacitor type is recom-
mended). In single supply operation, connect the Vpin to
the analog ground plane and bypass the V+ pin.
Shutdown Modes
The IC has two shutdown modes, hardware shutdown and
software shutdown. When SHDN is tied to V+, the IC is in
hardware shutdown mode. During this shutdown mode,
the gain setting digital interface (serial or parallel) and the
main op amp are both disabled, thus the PGA dissipates
very small supply current (see the Electrical Characteristic
table). When SHDN is floating, an internal current source
will pull it down to V. The digital interface is turned on to
read the gain setting codes. The IC is in normal amplifica-
tion mode as long as the gain control code is other than
0000. If the gain control code is 0000, the IC operates in
software shutdown mode, i.e., the main op amp is turned
off so that the PGA dissipates less power. The DFN
package does not have hardware shutdown.
Setting the Voltage at the REF Pin
The current coming out of the REF pin may affect the
reference voltage at the REF pin (VREF). If VREF is set by a
resistive divider then the VREF voltage is a function of the
VOUT voltage (see Figure 5). In order to minimize the VREF
variations, the total resistance of R1 plus R2 should be
much less than 32k (5k or less) or use a voltage reference
to set VREF.
Figure 5
+
REF
IREF =
VOUT – VREF
32k
VOUT
V+
V
R1
R2
LTC6915
R = 32k
6915 F05
V
V
R
V
k
V
R
RR
k
REF
OUT
=+
+
+
12
12
32
32
•(
)
VREF
0.1
µF
OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com