Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IIS2DH Datasheet(PDF) 1 Page - STMicroelectronics

Part # IIS2DH
Description  Ultra-low-power high-performance 3-axis accelerometer with digital output for industrial applications
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IIS2DH Datasheet(HTML) 1 Page - STMicroelectronics

  IIS2DH Datasheet HTML 1Page - STMicroelectronics IIS2DH Datasheet HTML 2Page - STMicroelectronics IIS2DH Datasheet HTML 3Page - STMicroelectronics IIS2DH Datasheet HTML 4Page - STMicroelectronics IIS2DH Datasheet HTML 5Page - STMicroelectronics IIS2DH Datasheet HTML 6Page - STMicroelectronics IIS2DH Datasheet HTML 7Page - STMicroelectronics IIS2DH Datasheet HTML 8Page - STMicroelectronics IIS2DH Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 49 page
background image
This is information on a product in full production.
April 2015
DocID027668 Rev 2
1/49
IIS2DH
Ultra-low-power high-performance 3-axis accelerometer
with digital output for industrial applications
Datasheet
- production data
Features
 Wide supply voltage, 1.71 V to 3.6 V
 Independent IOs supply (1.8 V) and supply
voltage compatible
 Ultra-low power consumption down to 2 μA
2g/±4g/8g/16g selectable full scales
 I2C/SPI digital output interface
 3 operating modes: low-power, normal, high-
resolution mode
 2 independent programmable interrupt
generators for free-fall and motion detection
 6D/4D orientation detection
 Motion detection & free-fall detection
 “Sleep-to-wake” and “return-to-sleep” functions
 Embedded FIFO
 Embedded self-test
 Embedded temperature sensor
 ECOPACK®, RoHS and “Green” compliant
Applications
 Robotics
 Anti-tampering devices
 Vibration monitoring
 Tilt/inclination measurements
 Impact recognition and logging
 Industrial tools and factory equipment
 Motion-activated functions
Description
The IIS2DH is an ultra-low-power high-
performance three-axis linear accelerometer with
digital I2C/SPI serial interface standard output.
The IIS2DH has user-selectable full scales of
2g/±4g/8g/16g and is capable of measuring
accelerations with output data rates from 1 Hz to
5.3 kHz.
The device may be configured to generate
interrupt signals by two independent inertial
wake-up/free-fall events as well as by the position
of the device itself.
The self-test capability allows the user to check
the functionality of the sensor in the final
application.
The IIS2DH is available in a small thin plastic land
grid array package (LGA) and is guaranteed to
operate over an extended temperature range
from -40 °C to +85 °C.
LGA-12 (2.0x2.0x1 mm)
Table 1. Device summary
Order
code
Temperature
range [
C]
Package
Packaging
IIS2DHTR
-40 to +85
LGA-12
Tape and
reel
www.st.com


Similar Part No. - IIS2DH

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
IIS2DLPC STMICROELECTRONICS-IIS2DLPC Datasheet
1Mb / 69P
MEMS digital output motion sensor: high-performance ultra-low-power 3-axis accelerometer for industrial applications
03-May-2019
IIS2DLPC STMICROELECTRONICS-IIS2DLPC Datasheet
182Kb / 4P
Motion MEMS and microphone MEMS expansion board for STM32 Nucleo
11-Nov-2019
IIS2DLPCTR STMICROELECTRONICS-IIS2DLPCTR Datasheet
1Mb / 69P
MEMS digital output motion sensor: high-performance ultra-low-power 3-axis accelerometer for industrial applications
03-May-2019
IIS2DULPX STMICROELECTRONICS-IIS2DULPX Datasheet
5Mb / 106P
Intelligent ultralow-power accelerometer for industrial applications
24-Jan-2025
More results

Similar Description - IIS2DH

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LIS2DH STMICROELECTRONICS-LIS2DH Datasheet
927Kb / 50P
ultra low-power high performance 3-axis ?쐄emto??accelerometer
25-Nov-2011
AIS328DQ STMICROELECTRONICS-AIS328DQ Datasheet
706Kb / 43P
High-performance ultra low-power 3-axis accelerometer
13-Apr-2012
AN2989 STMICROELECTRONICS-AN2989 Datasheet
470Kb / 28P
high performance ultra low-power 3-axis accelerometer
24-Jun-2009
AIS3624DQ STMICROELECTRONICS-AIS3624DQ Datasheet
1Mb / 41P
ultra-low-power digital output 3-axis accelerometer
14-Dec-2015
LIS2DS12 STMICROELECTRONICS-LIS2DS12 Datasheet
1Mb / 68P
ultra-low-power high-performance 3-axis "pico" accelerometer
14-Dec-2015
LIS3DE STMICROELECTRONICS-LIS3DE Datasheet
1Mb / 46P
ultra-low-power high-performance 3-axis "nano" accelerometer
19-Jun-2014
MIS2DH STMICROELECTRONICS-MIS2DH Datasheet
1Mb / 49P
ultra-low-power high-performance 3-axis accelerometer
03-Sep-2015
IIS328DQ STMICROELECTRONICS-IIS328DQ Datasheet
839Kb / 40P
High-performance ultra-low-power 3-axis accelerometer with digital output for industrial applications
21-Apr-2015
IIS2DLPC STMICROELECTRONICS-IIS2DLPC Datasheet
1Mb / 69P
MEMS digital output motion sensor: high-performance ultra-low-power 3-axis accelerometer for industrial applications
03-May-2019
AIS2DW12 STMICROELECTRONICS-AIS2DW12 Datasheet
1Mb / 60P
MEMS digital output motion sensor: ultra-low-power 3-axis accelerometer for automotive applications
20-Jun-2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com