Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L9678PTR Datasheet(PDF) 30 Page - STMicroelectronics

Part # L9678PTR
Description  Automotive user configurable airbag IC
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9678PTR Datasheet(HTML) 30 Page - STMicroelectronics

Back Button L9678PTR Datasheet HTML 26Page - STMicroelectronics L9678PTR Datasheet HTML 27Page - STMicroelectronics L9678PTR Datasheet HTML 28Page - STMicroelectronics L9678PTR Datasheet HTML 29Page - STMicroelectronics L9678PTR Datasheet HTML 30Page - STMicroelectronics L9678PTR Datasheet HTML 31Page - STMicroelectronics L9678PTR Datasheet HTML 32Page - STMicroelectronics L9678PTR Datasheet HTML 33Page - STMicroelectronics L9678PTR Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 203 page
background image
Start-up power control
L9678P, L9678P-S
30/203
DocID029274 Rev 3
4.3.3
ER switch and COVRACT pin
L9678P has an integrated circuit that can operate as a crossover switch with Rds(on) = 1.5 Ω
nominal. The ER switch is automatically activated upon entering the PASSIVE mode.
Voltage difference between VIN and VER is monitored in order to prevent VER back-feeding
when VIN exceeds VER by 0.1V max. The ER switch is automatically deactivated upon the
above mentioned overvoltage detection. The ER control implements a thermal protection
and a current limitation guard to avoid in-rush charge current at ER switch enabling or at
fault condition for short to ground. During PASSIVE mode the discrete digital output pin
COVRACT is activated to allow for external optional cross-over switch control.
Figure 13. ER switch control behaviour



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com