Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LPF-C011308S Datasheet(PDF) 1 Page - LUMEX INC.

Part # LPF-C011308S
Description  3mm RIGHT ANGLE LIGHT PIPE, 3mm HEIGHT OFF PCB
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMEX [LUMEX INC.]
Direct Link  http://www.lumex.com
Logo LUMEX - LUMEX INC.

LPF-C011308S Datasheet(HTML) 1 Page - LUMEX INC.

  LPF-C011308S Datasheet HTML 1Page - LUMEX INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - LPF-C011308S

ManufacturerPart #DatasheetDescription
logo
LUMEX INC.
LPF-C011301S LUMEX-LPF-C011301S Datasheet
48Kb / 1P
3mm ROUND RIGHT ANGLE SMT LIGHT PIPE, WITH RECTANGULAR POSTS
LPF-C011302S LUMEX-LPF-C011302S Datasheet
74Kb / 1P
3mm ROUND RIGHT ANGLE SMT LIGHT PIPE, WITH ROUND POSTS
LPF-C011303S LUMEX-LPF-C011303S Datasheet
49Kb / 1P
SINGLE UNIT, STACKABLE RIGHT ANGLE SMT LIGHT PIPE
LPF-C011303S-093 LUMEX-LPF-C011303S-093 Datasheet
65Kb / 1P
SINGLE UNIT, RIGHT ANGLE SMT LIGHT PIPE
LPF-C011304S LUMEX-LPF-C011304S Datasheet
47Kb / 1P
SINGLE UNIT, STACKABLE RIGHT ANGLE SMT LIGHT PIPE
More results

Similar Description - LPF-C011308S

ManufacturerPart #DatasheetDescription
logo
LUMEX INC.
LPF-C011301S LUMEX-LPF-C011301S Datasheet
48Kb / 1P
3mm ROUND RIGHT ANGLE SMT LIGHT PIPE, WITH RECTANGULAR POSTS
LPF-C011302S LUMEX-LPF-C011302S Datasheet
74Kb / 1P
3mm ROUND RIGHT ANGLE SMT LIGHT PIPE, WITH ROUND POSTS
LPA-C041301S-X LUMEX-LPA-C041301S-X Datasheet
57Kb / 1P
3mm, QUAD UNIT, VERTICAL SMT LIGHT PIPE
LPA-C081301S-X LUMEX-LPA-C081301S-X Datasheet
59Kb / 1P
3mm, 8 UNIT, VERTICAL SMT LIGHT PIPE
LPF-C012301S LUMEX-LPF-C012301S Datasheet
51Kb / 1P
3mm DUAL TOWER, RIGHT ANGLE BEND, SMT LIGHT PIPE
LPF-C012303S LUMEX-LPF-C012303S Datasheet
51Kb / 1P
3mm DUAL TOWER, RIGHT ANGLE BEND, SMT LIGHT PIPE
LPF-C013301S LUMEX-LPF-C013301S Datasheet
48Kb / 1P
3 HIGH, RIGHT ANGLE LIGHT PIPE, 3mm ROUND LENS
LPF-C014301S LUMEX-LPF-C014301S Datasheet
53Kb / 1P
4 HIGH, RIGHT ANGLE LIGHT PIPE, 3mm ROUND LENS
logo
List of Unclassifed Man...
FLPRX ETC1-FLPRX Datasheet
779Kb / 3P
FLEXIBLE LIGHT-PIPE ASSY RIGHT ANGLE, 3MM LENS CAP W/LED
logo
LUMEX INC.
LPA-C011302S-13 LUMEX-LPA-C011302S-13 Datasheet
41Kb / 1P
3MM ROUND LIGHT PIPE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com