Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD5593R Datasheet(PDF) 25 Page - Analog Devices

Part # AD5593R
Description  8-Channel, 12-Bit, Configurable ADC/DAC
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5593R Datasheet(HTML) 25 Page - Analog Devices

Back Button AD5593R Datasheet HTML 21Page - Analog Devices AD5593R Datasheet HTML 22Page - Analog Devices AD5593R Datasheet HTML 23Page - Analog Devices AD5593R Datasheet HTML 24Page - Analog Devices AD5593R Datasheet HTML 25Page - Analog Devices AD5593R Datasheet HTML 26Page - Analog Devices AD5593R Datasheet HTML 27Page - Analog Devices AD5593R Datasheet HTML 28Page - Analog Devices AD5593R Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 34 page
background image
AD5593R
Data Sheet
Rev. C | Page 24 of 33
GENERAL-PURPOSE CONTROL REGISTER
The general-purpose control register enables or disables certain
functions associated with the DAC, ADC, and I/O pin configura-
tion (see Table 13). The register sets the output range of the
DAC and input range of the ADC, which sets their transfer
functions, enables/disables the ADC buffer, and enables the
precharge function (see the ADC Section for more details). The
register is also used to lock the I/O pin configuration to prevent
accidental change. When Bit D7 is set to 1, writes to the
configuration registers are ignored.
Table 11. Control Registers
Pointer Byte
[D7:D0]
Register Name
Description
Default Value
00000000
NOP
No operation
0x0000
00000010
ADC sequence register
Selects ADCs for conversion
0x0000
00000011
General-purpose control register
DAC and ADC control register
0x0000
00000100
ADC pin configuration
Selects which pins are ADC inputs
0x0000
00000101
DAC pin configuration
Selects which pins are DAC outputs
0x0000
00000110
Pull-down configuration
Selects which pins have an 85 kΩ pull-down resistor to GND
0x00FF
00000111
LDAC mode
Selects the operation of the load DAC
0x0000
00001000
GPIO write configuration
Selects which pins are general-purpose outputs
0x0000
00001001
GPIO write data
Writes data to general-purpose outputs
0x0000
00001010
GPIO read configuration
Selects which pins are general-purpose inputs
0x0000
00001011
Power-down/reference control
Powers down the DACs and enables/disables the reference
0x0000
00001100
Open-drain configuration
Selects open-drain or push-pull for general-purpose outputs
0x0000
00001101
Three-state pins
Selects which pins are three-stated
0x0000
00001110
Reserved
00001111
Software reset
Resets the AD5593R
0x0000
Table 12. General-Purpose Control Register
MSB
LSB
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Reserved
ADC buffer
precharge
ADC buffer
enable
Lock
configuration
Write all
DACs
ADC
range
select
DAC
range
select
Reserved
Table 13. General-Purpose Control Register Descriptions
Bits
Description
D15 to D10
Reserved. Set these bits to 0.
D9
ADC buffer precharge.
0: the ADC buffer is not used to precharge the ADC. If the ADC buffer is enabled, it is always powered up (default).
1: the ADC buffer is used to precharge the ADC. If the ADC buffer is enabled, it is powered up while the conversion takes
place and then powered down until the next conversion takes place.
D8
ADC buffer enable.
0: the ADC buffer is disabled (default).
1: the ADC buffer is enabled.
D7
Lock configuration.
0: the contents of the I/O pin configuration registers can be changed (default).
1: the contents of the I/O pin configuration registers cannot be changed.
D6
Write all DACs.
0: for future DAC writes, the DAC address bits determine which DAC is written to (default).
1: for future DAC writes, the DAC address bits are ignored and all channels configured as DACs are updated with the same data.
D5
ADC range select.
0: the ADC range is 0 to VREF (default).
1: the ADC range is 0 to 2 × VREF.
D4
DAC range select.
0: the DAC range is 0 to VREF (default).
1: the DAC range is 0 to 2 × VREF.
D3 to D0
Reserved; set these bits to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com