Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD8451 Datasheet(PDF) 18 Page - Analog Devices

Part # AD8451
Description  Low Cost, Precision Analog Front End and Controller for Battery Test/Formation Systems
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8451 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD8451 Datasheet HTML 14Page - Analog Devices AD8451 Datasheet HTML 15Page - Analog Devices AD8451 Datasheet HTML 16Page - Analog Devices AD8451 Datasheet HTML 17Page - Analog Devices AD8451 Datasheet HTML 18Page - Analog Devices AD8451 Datasheet HTML 19Page - Analog Devices AD8451 Datasheet HTML 20Page - Analog Devices AD8451 Datasheet HTML 21Page - Analog Devices AD8451 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 33 page
background image
Data Sheet
AD8451
THEORY OF OPERATION
OVERVIEW
To form and test a battery, the battery must undergo charge and
discharge cycles. During these cycles, the battery terminal current
and voltage must be precisely controlled to prevent battery failure
or a reduction in the capacity of the battery. Therefore, battery
formation and test systems require a high precision analog front
end to monitor the battery current and terminal voltage. The
analog front end of the AD8451 includes a precision current
sense fixed gain instrumentation amplifier (IA) to measure the
battery current and a precision voltage sense fixed gain difference
amplifier (DA) to measure the battery voltage.
Battery formation and test systems charge and discharge batteries
using a constant current/constant voltage (CC/CV) algorithm. In
other words, the system first forces a set constant current into
or out of the battery until the battery voltage reaches a target
value. At this point, a set constant voltage is forced across the
battery terminals.
The AD8451 provides two control loops—CC loop and a CV
loop—that transition automatically after the battery reaches the
user defined target voltage. These loops are implemented via two
precision specialty amplifiers with external feedback networks
that set the transfer function of the CC and CV loops.
Moreover, in the AD8451, these loops reconfigure themselves to
charge or discharge the battery by toggling the MODE pin.
Figure 42 is a block diagram of the AD8451 that illustrates
the distinct sections of the AD8451, including the IA and DA
measurement blocks, and the loop filter amplifiers. Figure 43 is a
block diagram of a battery formation and test system.
17
18
15
16
8
7
6
5
4
3
2
14
13
9
12
11
10
ISVP
MODE
MODE
RGP
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
RGN
ISVN
NC
19
34
35
27
25
24
23
22
21
33
32
31
30
29
59
54
56
60
53
51
49
44
43
41
50
58
46
39
–
+
–
+
–
+
–
+
–
+
AVEE
AVEE
1×
1×
1
20
42
37
40
26
28
36
38
57
55
52
47
48
45
VCTRL
VCLN
VVE1
VINT
VCLP
VVE0
VVP0
VSET
NC
NC
NC
NC
VSETBF
VREF
AVCC
AVCC
NC
NC
DVCC
NC
DGND
64
62
69
65
68
67
73
71
78
74
77
76
80
79
61
63
70
72
75
66
VINT
BUFFER
VSET
BUFFER
10kΩ
20kΩ
100Ω
80kΩ
NC
+/–
+/–
NC
10kΩ
1667Ω
10kΩ
10kΩ
CV LOOP
FILTER
AMPLIFIER
CC LOOP
FILTER
AMPLIFIER
BATTERY
CURRENT
SENSING IA
BATTERY
VOLTAGE
SENSING
DA
CONSTANT
CURRENT AND
VOLTAGE LOOP
FILTER AMPLIFIERS
–
+
AD8451
1.1mA
2.5V
VREF
ISREFL
BUFFER
1×
Figure 42. Detailed Block Diagram
Rev. 0 | Page 17 of 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com