Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADAS1000-4BSTZ Datasheet(PDF) 38 Page - Analog Devices

Part # ADAS1000-4BSTZ
Description  Low Power, Three Electrode Electrocardiogram (ECG) Analog Front End
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAS1000-4BSTZ Datasheet(HTML) 38 Page - Analog Devices

Back Button ADAS1000-4BSTZ Datasheet HTML 34Page - Analog Devices ADAS1000-4BSTZ Datasheet HTML 35Page - Analog Devices ADAS1000-4BSTZ Datasheet HTML 36Page - Analog Devices ADAS1000-4BSTZ Datasheet HTML 37Page - Analog Devices ADAS1000-4BSTZ Datasheet HTML 38Page - Analog Devices ADAS1000-4BSTZ Datasheet HTML 39Page - Analog Devices ADAS1000-4BSTZ Datasheet HTML 40Page - Analog Devices ADAS1000-4BSTZ Datasheet HTML 41Page - Analog Devices ADAS1000-4BSTZ Datasheet HTML 42Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 80 page
background image
ADAS1000-3/ADAS1000-4
Data Sheet
Rev. B | Page 38 of 80
envelope and perform the peak detection needed to establish
breathing (or lack thereof).
Respiration measurement is available on one of the leads
(Lead I, Lead II, or Lead III) or on an external path via a
pair of dedicated pins (EXT_RESP_LA, EXT_RESP_RA, or
EXT_RESP_LL). Only one lead measurement can be made
at one time. The respiration measurement path is not suited
for use as additional ECG measurements because the internal
configuration and demodulation do not align with an ECG
measurement. The respiration signal processing path is not
reconfigurable for ECG measurements, as it is specifically
designed for the respiration signal measurement.
Internal Respiration Capacitors
The internal respiration function uses an internal RC network
(5 kΩ/100 pF), and this circuit is capable of 200 mΩ resolution
(with up to 5 kΩ total path and cable impedance). The current
is ac-coupled onto the same pins that the measurement is
sensed back on. Figure 67 shows the measurement on Lead I,
but, similarly, the measurement can be configured to measure
on either Lead II or Lead III. The internal capacitor mode requires
no external capacitors and produces currents of ~64 μA p-p
amplitude when configured for maximum amplitude setting
(±1 V) through the RESPCTRL register (see Table 30).
Table 12. Maximum Allowable Cable and Thoracic Loading
Cable Resistance
Cable Capacitance
R < 1 kΩ
C < 1200 pF
1 kΩ < R < 2.5 kΩ
C < 400 pF
2.5 kΩ < R < 5 kΩ
C < 200 pF
RTHORACIC < 2 kΩ
Figure 67. Simplified Respiration Block Diagram
LA CABLE
ECG1_LA
EXT_RESP_LA
ECG2_LL
EXT_RESP_LL
ECG3_RA
EXT_RESP_RA
ADAS1000-4
OVERSAMPLED
5kΩ
5kΩ
100pF
100pF
±1V
±1V
RESPIRATION DAC
DRIVE +
CABLE AND ELECTRODE
IMPEDANCE < 5kΩ
LL CABLE
RA CABLE
FILTER
FILTER
FILTER
LPF
RESPIRATION
MEASURE
RESPIRATION DAC
DRIVE–
HPF
IN-AMP AND
ANTI-ALIASING
MAGNITUDE
AND
PHASE
SAR
ADC
46.5kHz TO
64kHz
46.5kHz TO
64kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com