Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADAS1000-2BSTZ Datasheet(PDF) 8 Page - Analog Devices

Part # ADAS1000-2BSTZ
Description  Low Power, Five Electrode Electrocardiogram (ECG) Analog Front End
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAS1000-2BSTZ Datasheet(HTML) 8 Page - Analog Devices

Back Button ADAS1000-2BSTZ Datasheet HTML 4Page - Analog Devices ADAS1000-2BSTZ Datasheet HTML 5Page - Analog Devices ADAS1000-2BSTZ Datasheet HTML 6Page - Analog Devices ADAS1000-2BSTZ Datasheet HTML 7Page - Analog Devices ADAS1000-2BSTZ Datasheet HTML 8Page - Analog Devices ADAS1000-2BSTZ Datasheet HTML 9Page - Analog Devices ADAS1000-2BSTZ Datasheet HTML 10Page - Analog Devices ADAS1000-2BSTZ Datasheet HTML 11Page - Analog Devices ADAS1000-2BSTZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 80 page
background image
ADAS1000/ADAS1000-1/ADAS1000-2
Data Sheet
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
DIGITAL OUTPUTS
Output Low Voltage, VOL
0.4
V
ISINK = 1 mA
Output High Voltage, VOH
IOVDD − 0.4
V
ISOURCE = −1 mA
Output Rise/Fall Time
4
ns
Capacitive load = 15 pF, 20% to 80%
DVDD REGULATOR
Internal 1.8 V regulator for DVDD
Output Voltage
1.75
1.8
1.85
V
Available Current1
1
mA
Droop < 10 mV; for external device loading purposes
Short Circuit Current limit
40
mA
ADCVDD REGULATOR
Internal 1.8 V regulator for ADCVDD; not
recommended as a supply for other circuitry
Output Voltage
1.75
1.8
1.85
V
Short Circuit Current Limit
40
mA
POWER SUPPLY RANGES2
AVDD
3.15
3.3
5.5
V
IOVDD
1.65
3.6
V
ADCVDD
1.71
1.8
1.89
V
If applied by external 1.8 V regulator
DVDD
1.71
1.8
1.89
V
If applied by external 1.8 V regulator
POWER SUPPLY CURRENTS
AVDD Standby Current
785
975
μA
IOVDD Standby Current
1
60
μA
EXTERNALLY SUPPLIED ADCVDD
AND DVDD
All 5 channels enabled, RLD enabled, pace enabled
AVDD Current
3.4
6.25
mA
High performance mode
3.1
5.3
mA
Low performance mode
4.25
6.3
mA
High performance mode, respiration enabled
ADCVDD Current
6.2
9
mA
High performance mode
4.7
6.5
mA
Low performance mode
7
9
mA
High performance mode, respiration enabled
DVDD Current
2.7
5
mA
High performance mode
1.4
3.5
mA
Low performance mode
3.4
5.5
mA
High performance mode, respiration enabled
INTERNALLY SUPPLIED ADCVDD
AND DVDD
All 5 channels enabled, RLD enabled, pace enabled
AVDD Current
12.5
15.3
mA
High performance mode
9.4
12.4
mA
Low performance mode
14.8
17.3
mA
High performance mode, respiration enabled
POWER DISSIPATION
All 5 channels enabled, RLD enabled, pace enabled
Externally Supplied ADCVDD
and DVDD3
All 5 Input Channels and RLD
27
mW
High performance (low noise)
21
mW
Low power mode
Internally Supplied ADCVDD
and DVDD
All 5 channels enabled, RLD enabled, pace enabled
All 5 Input Channels and RLD
41
mW
High performance (low noise)
31
mW
Low power mode
OTHER FUNCTIONS4
Power Dissipation
Respiration
7.6
mW
Shield Driver
150
μW
1
Guaranteed by characterization, not production tested.
2
Guaranteed by design, not production tested.
3
ADCVDD and DVDD can be powered from an internal LDO or, alternatively, can be powered from external 1.8 V rail, which may result in a lower power solution.
4
Pace is a digital function and incurs no power penalty.
Rev. B | Page 8 of 80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com