Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FA10751 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # FA10751
Description  Leila Assembly
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

FA10751 Datasheet(HTML) 1 Page - Ledil, Inc.

  FA10751 Datasheet HTML 1Page - Ledil, Inc. FA10751 Datasheet HTML 2Page - Ledil, Inc. FA10751 Datasheet HTML 3Page - Ledil, Inc. FA10751 Datasheet HTML 4Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PRODUCT DATASHEET
Leila series
last update 29/12/2015
DETAILS
Product Number
FA10751_LO2-RS
Family
Leila
Type
Assembly
Color
black
Diameter
21,6 mm
Height
14,6 mm
Style
round
Optic Material
PMMA
Holder Material
Fastening
tape
Status
production ready
ROHS Compliant
Yes
Date Updated
29/12/2015
OPTICAL PROPERTIES
Viewing
Light
Effi-
LED
Angle
Beam
ciency
cd/lm
Connector
Golden Dragon+
7 deg
Real spot
93 %
-
-
January 31st 2018 2:12 Copyright Ledil Oy - Subject to change without prior notice - Page 1/1
Ledil Oy
Salorankatu 10
24240 SALO, Finland
http://www.ledil.com
email: ledil@ledil.com
FAX: +358-2-733 8001


Similar Part No. - FA10751

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
FA10751 LEDIL-FA10751 Datasheet
3Mb / 4P
~9.6째 spot beam optimized for Osram Golden Dragon . 14.6 mm high assembly with installation tape.
FA10751 LEDIL-FA10751_18 Datasheet
3Mb / 4P
~9.6째 spot beam optimized for Osram Golden Dragon . 14.6 mm high assembly with installation tape.
More results

Similar Description - FA10751

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
FCN11456 CREE-FCN11456 Datasheet
67Kb / 2P
Leila series
logo
Ledil, Inc.
CA14505 LEDIL-CA14505 Datasheet
2Mb / 35P
Leila Assembly
CA14507 LEDIL-CA14507 Datasheet
2Mb / 43P
Leila Assembly
CA14509 LEDIL-CA14509 Datasheet
2Mb / 43P
Leila Assembly
CA11136 LEDIL-CA11136 Datasheet
255Kb / 4P
Leila Assembly
FA10750 LEDIL-FA10750 Datasheet
89Kb / 2P
Leila Assembly
FA10753 LEDIL-FA10753 Datasheet
232Kb / 4P
Leila Assembly
FA11135 LEDIL-FA11135 Datasheet
264Kb / 4P
Leila Assembly
FA11453 LEDIL-FA11453 Datasheet
84Kb / 2P
Leila Assembly
FA11834 LEDIL-FA11834 Datasheet
101Kb / 2P
Leila Assembly
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com