Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

OVM12F3B7 Datasheet(PDF) 2 Page - TT Electronics.

Part # OVM12F3B7
Description  3 LED Module
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OVM12F3B7 Datasheet(HTML) 2 Page - TT Electronics.

  OVM12F3B7 Datasheet HTML 1Page - TT Electronics. OVM12F3B7 Datasheet HTML 2Page - TT Electronics. OVM12F3B7 Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
OVM12F3x7 series
© TT electronics plc
Issue B
11/2016
Page 2
TT Electronics | OPTEK Technology
1645 Wallace Drive, Carrollton, TX 75006|Ph: +1 972 323 2200
www.ttelectronics.com | sensors@ttelectronics.com
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
Absolute Maximum Ratings (TA = 25° C unless otherwise noted)
Storage Temperature Range
-40 ~ +80 °C
Operating Temperature Range
-30 ~ +50 °C
Input Voltage
15 V
Power Dissipation
1.5 W
LED Junction Temperature
125
oC
Electrostatic Discharge Classification (JEDEC-JESD22-A114F)
Class 1C
Electrical Specifications
Electrical Characteristics (TA = 25° C unless otherwise noted)
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
TEST CONDITIONS
Power Consumption
Red/Yellow/Green/Blue/White
0.5
0.3
- - -
W
VDC = 12 V
VDC
Input Voltage
- - -
12
- - -
V
Net Weight
- - -
16
- - -
g
Per module
λD
Dominant Wavelength
- - -
See
chart
2 Θ½
50% Power Angle
----
120
----
deg
VDC = 12 V
Notes:
1.
Lead Solder time less than 10 seconds at temperature extreme.
2.
No Heat sink is required if the string is operated at ambient temperature < 35°C. For long term performance the drive voltage at 12 V is recommend-
If an entire string is not required for the application, clip wires at mid-span:
Modules can be secured onto a mounting surface with two #6 screws. Modules are waterproof and can be used outdoors.
The installer is responsible for waterproofing the connection to the power source. The installer is also responsible for the
use of an exterior approved power source.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com