Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTE63C Datasheet(PDF) 9 Page - OSRAM GmbH

Part # LTE63C
Description  Power TOPLED Lens
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LTE63C Datasheet(HTML) 9 Page - OSRAM GmbH

Back Button LTE63C Datasheet HTML 5Page - OSRAM GmbH LTE63C Datasheet HTML 6Page - OSRAM GmbH LTE63C Datasheet HTML 7Page - OSRAM GmbH LTE63C Datasheet HTML 8Page - OSRAM GmbH LTE63C Datasheet HTML 9Page - OSRAM GmbH LTE63C Datasheet HTML 10Page - OSRAM GmbH LTE63C Datasheet HTML 11Page - OSRAM GmbH LTE63C Datasheet HTML 12Page - OSRAM GmbH LTE63C Datasheet HTML 13Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
Version 1.3 - OS-PCN-2016-012-A
LT E63C
2017-01-31
9
Forward Current 7) page 21 , 8) page 21
Durchlassstrom 7) Seite 21 , 8) Seite 21
IF = f (VF); TS = 25 °C
Relative Partial Flux 7) page 21 , 8) page 21
Relativer Partieller Lichtfluss 7) Seite 21 , 8) Seite 21
EV/EV(30 mA) = f(IF); TS = 25 °C
Dominant Wavelength 7) page 21
Dominante Wellenlänge 7) Seite 21
λdom = f(IF); TS = 25 °C
LT E63C
2
4,3
2,5
3,0
3,5
4,0
VF [V]
1
100
1
2
3
4
5
10
20
30
40
50
IF [mA]
LT E63C
1
2
3 4 5
10
20
30 40 50
IF [mA]
0,1
0,2
0,3
0,4
0,5
1
2
EV
EV(30mA)
LT E63C
1
20
40
60
80
10
0
IF [mA]
480
500
520
540
560
580
λ dom [nm]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com