Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PE3C1377LF Datasheet(PDF) 4 Page - Pasternack Enterprises, Inc.

Part # PE3C1377LF
Description  2.92mm Male to 2.92mm Male Cable Using PE-SR405FL Coax, RoHS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3C1377LF Datasheet(HTML) 4 Page - Pasternack Enterprises, Inc.

  PE3C1377LF Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3C1377LF Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3C1377LF Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE3C1377LF Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE3C1377LF Datasheet HTML 5Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
How to Order
Part Number Configuration:
PE3C1377LF
- xx
uu
|
|
|
Unit of Measure:
|
|
cm = Centimeters
|
|
<blank> = Inches
|
Length
|
Base Number
Example:
PE3C1377LF-12 = 12 inches long cable
PE3C1377LF-100cm = 100 cm long cable
2.92mm Male to 2.92mm Male Cable Using PE-SR405FL Coax, RoHS from Pasternack Enterprises has same day shipment
for domestic and International orders. Our RF, microwave and millimeter wave products maintain a 99% availability and are
part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 2.92mm Male to 2.92mm Male Cable Using PE-SR405FL Coax, RoHS PE3C1377LF
URL: http://www.pasternack.com/2.92mm-male-2.92mm-male-pe-sr405fl-cable-assembly-pe3c1377lf-p.aspx
PE3C1377LF REV 1.0
RF Cable Assemblies Technical Data Sheet
2.92mm Male to 2.92mm Male Cable
Using PE-SR405FL Coax, RoHS
PE3C1377LF



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com