Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CSPESD301 Datasheet(PDF) 3 Page - California Micro Devices Corp

Part # CSPESD301
Description  1,2 and 3-Channel ESD Arrays in CSP
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CSPESD301 Datasheet(HTML) 3 Page - California Micro Devices Corp

  CSPESD301 Datasheet HTML 1Page - California Micro Devices Corp CSPESD301 Datasheet HTML 2Page - California Micro Devices Corp CSPESD301 Datasheet HTML 3Page - California Micro Devices Corp CSPESD301 Datasheet HTML 4Page - California Micro Devices Corp CSPESD301 Datasheet HTML 5Page - California Micro Devices Corp CSPESD301 Datasheet HTML 6Page - California Micro Devices Corp CSPESD301 Datasheet HTML 7Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
© 2003 California Micro Devices Corp. All rights reserved.
12/10/03
430 N. McCarthy Blvd., Milpitas, CA 95035-5112
L Tel: 408.263.3214
L Fax: 408.263.7846
L www.calmicro.com
3
CSPESD301/302/303
Specifications
Note 1: TA=25°C unless otherwise specified.
Note 2: ESD applied to input and output pins with respect to
another diode, one at a time.
Note 3: Unused pins are left open.
Note 4: These parameters are guaranteed by design and char-
acterization.
Figure 1. Parameter Legend
ABSOLUTE MAXIMUM RATINGS
PARAMETER
RATING
UNITS
Storage Temperature Range
-65 to +150
°C
DC Package Power Rating
200
mW
STANDARD OPERATING CONDITIONS
PARAMETER
RATING
UNITS
Operating Temperature Range
-40 to +85
°C
ELECTRICAL OPERATING CHARACTERISTICS1
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VSO
Diode Stand-off Voltage
IDIODE = ±10µA
±5.9
V
ILEAK
Diode Leakage Current
VIN=3.3V
100
nA
VSIG
Small Signal Clamp Voltage
Positive Clamp
Negative Clamp
IDIODE = 10mA
IDIODE = -10mA
6.0
-9.2
7.6
-7.6
9.2
-6.0
V
V
VESD
In-system ESD Withstand Voltage
a) Human Body Model, MIL-STD-883,
Method 3015
b) Contact Discharge per IEC 61000-4-2
Notes 2, 3 and 4
±30
±15
kV
kV
VCL
Clamping Voltage during ESD Discharge
MIL-STD-883 (Method 3015), 8kV
Between adjacent bumps
Between diagonal bumps
Notes 2, 3 and 4
19.5
19.9
V
V
RD
Dynamic Resistance
Between adjacent bumps
Between diagonal bumps
Notes 2, 3 and 4
0.85
1.10
Ω
Ω
C
Capacitance
At 0VDC, 1MHz, 30mVAC
27
pF
3.3V
10mA
10µA
VSIG
VCL
V
IESD
ILEAK
slope = 1/R
D
VSO
I



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com