Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST25DV04K Datasheet(PDF) 150 Page - STMicroelectronics

Part # ST25DV04K
Description  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM,and fast transfer mode capability
PDF  220 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV04K Datasheet(HTML) 150 Page - STMicroelectronics

Back Button ST25DV04K Datasheet HTML 146Page - STMicroelectronics ST25DV04K Datasheet HTML 147Page - STMicroelectronics ST25DV04K Datasheet HTML 148Page - STMicroelectronics ST25DV04K Datasheet HTML 149Page - STMicroelectronics ST25DV04K Datasheet HTML 150Page - STMicroelectronics ST25DV04K Datasheet HTML 151Page - STMicroelectronics ST25DV04K Datasheet HTML 152Page - STMicroelectronics ST25DV04K Datasheet HTML 153Page - STMicroelectronics ST25DV04K Datasheet HTML 154Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 220 page
background image
RF operations
ST25DV04K ST25DV16K ST25DV64K
150/220
DocID027603 Rev 4
Response parameter:
•
Error code as Error_flag is set:
–
02h: command not recognized
–
13h: the specified block was not successfully programmed (this error is generated
if the ManageCPO GPOVAL value is not in line with the GPO interrupts setting as
specified in Table 157)
7.6.31
Write Message
On receiving the Write Message command, the ST25DVxxx puts the data contained in the
request into the Mailbox buffer, update the MB_LEN_Dyn register, and set bit
RF_PUT_MSG in MB_CTRL_Dyn register. It then reports if the write operation was
successful in the response. The ST25DVxxx Mailbox contains up to 256 data bytes which
are filled from the first location '00'. MSGlength parameter of the command is the number of
Data bytes minus - 1 (00 for 1 byte of data, FFh for 256 bytes of data). Write Message could
be executed only when Mailbox is accessible by RF (fast transfer mode is enabled, previous
RF message was read or time-out occurs, no I2C message to be read). User can check it by
reading b1 of MB_CTRL_Dyn “HOST_PUT_MSG” which must be reset to “0”. The
Option_flag is not supported. (refer to Section 5.1: Fast transfer mode (FTM))
Request parameters:
•
Request flags
•
UID (optional)
•
Message Length
•
Message Data
Figure 59. ManageGPO frame exchange between VCD and ST25DVxxx
VCD
SOF ManageGPO EOF
ST25DVxxx
<-t1-> SOF
ManageGPO
response
EOF
ManageGPO sequence
when error
Table 160. Write Message request format
Request
SOF
Request_
flags
Write
Message
IC Mfg code UID(1) MSGLength
Message
Data
CRC16
Request
EOF
-
8 bits
AAh
02h
64 bits
1 byte
(MSGLength + 1)
bytes
16 bits
-
1. Gray color means that the field is optional.
Table 161. Write Message response format when Error_flag is NOT set
Response SOF
Response_flags
CRC16
Response EOF
-
8 bits
16 bits
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com