Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST25DV04K Datasheet(PDF) 218 Page - STMicroelectronics

Part # ST25DV04K
Description  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM,and fast transfer mode capability
PDF  220 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV04K Datasheet(HTML) 218 Page - STMicroelectronics

Back Button ST25DV04K Datasheet HTML 212Page - STMicroelectronics ST25DV04K Datasheet HTML 213Page - STMicroelectronics ST25DV04K Datasheet HTML 214Page - STMicroelectronics ST25DV04K Datasheet HTML 215Page - STMicroelectronics ST25DV04K Datasheet HTML 216Page - STMicroelectronics ST25DV04K Datasheet HTML 217Page - STMicroelectronics ST25DV04K Datasheet HTML 218Page - STMicroelectronics ST25DV04K Datasheet HTML 219Page - STMicroelectronics ST25DV04K Datasheet HTML 220Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 218 / 220 page
background image
Revision history
ST25DV04K ST25DV16K ST25DV64K
218/220
DocID027603 Rev 4
Revision history
Table 257. Document revision history
Date
Revision
Changes
23-Feb-2017
1
Initial release.
20-Sep-2017
2
Updated:
– Features
– Section 4: Memory management
– Section 5: ST25DVxxx specific features
– Section 5.6.4: System memory protection
– Section 6.4.2: I2C Sequential write
– Section 6: I2C operation
– Section 7: RF operations
– Section 9.1: Maximum rating
– Table 121: Get System Info response format Error_flag is NOT set
– Table 203: Absolute maximum ratings
– Table 205: AC test measurement conditions
– Table 207: I2C DC characteristics up to 85°C
– Table 209: I2C AC characteristics up to 85°C
– Table 211: GPO DC characteristics up to 85°C
– Table 214: RF characteristics
– Table 215: Operating conditions
– Table 217: TSSOP8 – 8-lead thin shrink small outline, 3 x 6.4 mm, 0.65 mm pitch,
package mechanical data
– Table 221: Ordering information scheme
– Figure 30: I2C Present Password Sequence
– Figure 31: I2C Write Password Sequence
– Figure 79: TSSOP8 – 8-lead thin shrink small outline, 3 x 6.4 mm, 0.65 mm pitch,
package outline
Added:
– Table 122: Memory size
– Table 204: I2C operating conditions
– Table 208: I2C DC characteristics up to 125°C
– Table 210: I2C AC characteristics up to 125°C
– Table 212: GPO DC characteristics up to 125°C
04-Oct-2017
3
Updated:
– Features
– Section 10: Package information
Added:
– NFC certified logo



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com