Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST25DV16K Datasheet(PDF) 15 Page - STMicroelectronics

Part # ST25DV16K
Description  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM,and fast transfer mode capability
PDF  220 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV16K Datasheet(HTML) 15 Page - STMicroelectronics

Back Button ST25DV16K Datasheet HTML 11Page - STMicroelectronics ST25DV16K Datasheet HTML 12Page - STMicroelectronics ST25DV16K Datasheet HTML 13Page - STMicroelectronics ST25DV16K Datasheet HTML 14Page - STMicroelectronics ST25DV16K Datasheet HTML 15Page - STMicroelectronics ST25DV16K Datasheet HTML 16Page - STMicroelectronics ST25DV16K Datasheet HTML 17Page - STMicroelectronics ST25DV16K Datasheet HTML 18Page - STMicroelectronics ST25DV16K Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 220 page
background image
DocID027603 Rev 4
15/220
ST25DV04K ST25DV16K ST25DV64K
List of figures
16
Figure 46.
Reset to Ready frame exchange between VCD and ST25DVxxx . . . . . . . . . . . . . . . . . . 129
Figure 47.
Write AFI frame exchange between VCD and ST25DVxxx . . . . . . . . . . . . . . . . . . . . . . . 130
Figure 48.
Lock AFI frame exchange between VCD and ST25DVxxx. . . . . . . . . . . . . . . . . . . . . . . . 132
Figure 49.
Write DSFID frame exchange between VCD and ST25DVxxx. . . . . . . . . . . . . . . . . . . . . 133
Figure 50.
Lock DSFID frame exchange between VCD and ST25DVxxx . . . . . . . . . . . . . . . . . . . . . 134
Figure 51.
Get System Info frame exchange between VCD and ST25DVxxx . . . . . . . . . . . . . . . . . . 136
Figure 52.
Extended Get System Info frame exchange
between VCD and ST25DVxxx. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 140
Figure 53.
Get Multiple Block Security Status frame exchange between VCD
and ST25DVxxx . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 142
Figure 54.
Extended Get Multiple Block Security Status frame exchange
between VCD and ST25DVxxx. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 143
Figure 55.
Read Configuration frame exchange between VCD and ST25DVxxx . . . . . . . . . . . . . . . 144
Figure 56.
Write Configuration frame exchange between VCD and ST25DVxxx . . . . . . . . . . . . . . . 146
Figure 57.
Read Dynamic Configuration frame exchange between
VCD and ST25DVxxx . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 147
Figure 58.
Write Dynamic Configuration frame exchange between VCD and ST25DVxxx . . . . . . . . 148
Figure 59.
ManageGPO frame exchange between VCD and ST25DVxxx . . . . . . . . . . . . . . . . . . . . 150
Figure 60.
Write Message frame exchange between VCD and ST25DVxxx . . . . . . . . . . . . . . . . . . . 151
Figure 61.
Read Message Length frame exchange between VCD and ST25DVxxx. . . . . . . . . . . . . 152
Figure 62.
Read Message frame exchange between VCD and ST25DVxxx. . . . . . . . . . . . . . . . . . . 153
Figure 63.
Fast Read Message frame exchange between VCD and ST25DVxxx. . . . . . . . . . . . . . . 154
Figure 64.
Write Password frame exchange between VCD and ST25DVxxx . . . . . . . . . . . . . . . . . . 156
Figure 65.
Present Password frame exchange between VCD and ST25DVxxx . . . . . . . . . . . . . . . . 157
Figure 66.
Fast Read Single Block frame exchange between VCD and ST25DVxxx . . . . . . . . . . . . 158
Figure 67.
Fast Extended Read Single Block frame exchange
between VCD and ST25DVxxx. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 160
Figure 68.
Fast Read Multiple Block frame exchange
between VCD and ST25DVxxx. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 162
Figure 69.
Fast Extended Read Multiple Block frame exchange between
VCD and ST25DVxxx . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 163
Figure 70.
Fast Write Message frame exchange between VCD and ST25DVxxx . . . . . . . . . . . . . . . 165
Figure 71.
Fast Read Message Length frame exchange between VCD and ST25DVxxx. . . . . . . . . 166
Figure 72.
Fast Read Dynamic Configuration frame exchange
between VCD and ST25DVxxx. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 167
Figure 73.
Fast Write Dynamic Configuration frame exchange
between VCD and ST25DVxxx. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 168
Figure 74.
AC test measurement I/O waveform. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 171
Figure 75.
I2C AC waveforms . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 178
Figure 76.
I2C Fast mode (fC = 1 MHz): maximum Rbus value versus bus parasitic
capacitance (Cbus) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 179
Figure 77.
ASK modulated signal . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 182
Figure 78.
SO8N – 8-lead, 4.9 x 6 mm, plastic small outline, 150 mils body width,
package outline. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 183
Figure 79.
TSSOP8 – 8-lead thin shrink small outline, 3 x 6.4 mm, 0.65 mm pitch,
package outline. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 184
Figure 80.
UFDFN8 - 8-lead, 2 × 3 mm, 0.5 mm pitch ultra thin profile fine pitch
dual flat package outline . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 186
Figure 81.
UFDFPN12 - 12-lead, 3x3 mm, 0.5 mm pitch ultra thin profile fine pitch dual
flat package outline . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 188
Figure 82.
WLCSP - 10 balls, 1.649x1.483 mm, 0.4 mm pitch, wafer level chip scale
package outline. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 189



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com