Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST25DV16K Datasheet(PDF) 156 Page - STMicroelectronics

Part # ST25DV16K
Description  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM,and fast transfer mode capability
PDF  220 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV16K Datasheet(HTML) 156 Page - STMicroelectronics

Back Button ST25DV16K Datasheet HTML 152Page - STMicroelectronics ST25DV16K Datasheet HTML 153Page - STMicroelectronics ST25DV16K Datasheet HTML 154Page - STMicroelectronics ST25DV16K Datasheet HTML 155Page - STMicroelectronics ST25DV16K Datasheet HTML 156Page - STMicroelectronics ST25DV16K Datasheet HTML 157Page - STMicroelectronics ST25DV16K Datasheet HTML 158Page - STMicroelectronics ST25DV16K Datasheet HTML 159Page - STMicroelectronics ST25DV16K Datasheet HTML 160Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 220 page
background image
RF operations
ST25DV04K ST25DV16K ST25DV64K
156/220
DocID027603 Rev 4
7.6.36
Present Password
On receiving the Present Password command, the ST25DVxxx compares the requested
password with the data contained in the request and reports if the operation has been
successful in the response. Refer to Section 5.6: Data Protection for details on password
Management. After a successful command, the security session associate to the password
is open as described in Section 5.6: Data Protection.
The Option_flag is not supported, and the Inventory_flag must be set to 0.
Request parameter:
•
Request flags
•
UID (optional)
•
Password Number (00h = Password configuration, 0x01 = Pswd1, 0x02 = Pswd2, 0x03
= Pswd3, other = Error)
•
Password
Response parameter:
•
No parameter. The response is sent back after the write cycle.
Figure 64. Write Password frame exchange between VCD and ST25DVxxx
VCD
SOF
Write
Password
request
EOF
ST25DVxxx
<-t1-> SOF
Write
Password
response
EOF
Write sequence
when error
ST25DVxxx
<---------------- Wt -------------> SOF
Write
Password
response
EOF
Table 171. Present Password request format
Request
SOF
Request
_flags
Present
Password
IC Mfg
code
UID(1)
1. Gray color means that the field is optional.
Password
number
Password
CRC16
Request
EOF
-8 bits
B3h
02h
64 bits
8 bits
64 bits
16 bits
-
Table 172. Present Password response format when Error_flag is NOT set
Response
SOF
Response_flags
CRC16
Response
EOF
-
8 bits
16 bits
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com