Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

USBULC6-2F4 Datasheet(PDF) 7 Page - STMicroelectronics

Part # USBULC6-2F4
Description  2-line, ultralow capacitance protection in 0.3 mm pitch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

USBULC6-2F4 Datasheet(HTML) 7 Page - STMicroelectronics

  USBULC6-2F4 Datasheet HTML 1Page - STMicroelectronics USBULC6-2F4 Datasheet HTML 2Page - STMicroelectronics USBULC6-2F4 Datasheet HTML 3Page - STMicroelectronics USBULC6-2F4 Datasheet HTML 4Page - STMicroelectronics USBULC6-2F4 Datasheet HTML 5Page - STMicroelectronics USBULC6-2F4 Datasheet HTML 6Page - STMicroelectronics USBULC6-2F4 Datasheet HTML 7Page - STMicroelectronics USBULC6-2F4 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
DocID025277 Rev 1
7/8
USBULC6-2F4
Ordering information
8
3
Ordering information
Figure 20. Ordering information scheme
4
Revision history
Table 3. Ordering information
Order code
Marking
Package
Weight
Base qty
Delivery mode
USBULC6-2F4
EZ
Flip Chip
0.516 mg
5000
Tape and reel (7”)
USB ULC 6 - 2 F4
USB protection
Ultra low capacitance
Breakdown voltage
Number of lines
Package
6 = 6 VMIN
2 = 2 lines
F = Flip Chip
= L
4
ead-free, pitch = 300 µm
Table 4. Document revision history
Date
Revision
Changes
20-Dec-2013
1
Initial release.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com