Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

USBULC6-2N4 Datasheet(PDF) 2 Page - STMicroelectronics

Part # USBULC6-2N4
Description  Ultralow capacitance ESD protection for high speed interface
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

USBULC6-2N4 Datasheet(HTML) 2 Page - STMicroelectronics

  USBULC6-2N4 Datasheet HTML 1Page - STMicroelectronics USBULC6-2N4 Datasheet HTML 2Page - STMicroelectronics USBULC6-2N4 Datasheet HTML 3Page - STMicroelectronics USBULC6-2N4 Datasheet HTML 4Page - STMicroelectronics USBULC6-2N4 Datasheet HTML 5Page - STMicroelectronics USBULC6-2N4 Datasheet HTML 6Page - STMicroelectronics USBULC6-2N4 Datasheet HTML 7Page - STMicroelectronics USBULC6-2N4 Datasheet HTML 8Page - STMicroelectronics USBULC6-2N4 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Characteristics
USBULC6-2N4
2/10
Doc ID 18332 Rev 1
1
Characteristics
Figure 3.
Junction capacitance versus frequency ( VR = 0 V, typical values)
Table 1.
Absolute maximum ratings Tamb = 25 °C
Symbol
Parameter
Value
Unit
VPP
ESD discharge IEC 61000-4-2, level 4
Contact discharge
Air discharge
12
15
kV
Ipp
Peak pulse current (8/20 µs)
4
A
Ppp
Peak pulse power dissipation (8/20 µs)
50
W
Tj
Operating temperature range
-40 to + 150
°C
Tstg
Storage temperature range
-65 to +150
°C
TL
Maximum lead temperature for soldering during 10 s
260
°C
Table 2.
Electrical characteristics Tamb = 25 °C, otherwise specified
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VBR
LV diode breakdown voltage
IR = 1 mA
6
V
IRM
LV diode leakage current
VRM = 3 V
100
nA
C
LV diode input capacitance
VR = 0 V, F= 240 MHz to 3 GHz
Any I/O pin to ground
0.6
0.75
pF
VCL
LV diode clamping voltage
IPP = 1 A, tp = 8/20 µs
Any I/O pin to ground
10
V
0.00
0.25
0.50
0.75
1.00
0
250
500
750 1000 1250 1500 1750 2000 2250 2500 2750 3000
C(pF)
F=1MHz – 3GHz
V
osc=30mVRMS
Vr=0V
T
j=25 °C
A1/GND
A2/GND
F(MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com