Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BZT52B6V2JS Datasheet(PDF) 1 Page - Micro Commercial Components

Part # BZT52B6V2JS
Description  200 mW Zener Diode 3.0 to 75 Volts
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

BZT52B6V2JS Datasheet(HTML) 1 Page - Micro Commercial Components

  BZT52B6V2JS Datasheet HTML 1Page - Micro Commercial Components BZT52B6V2JS Datasheet HTML 2Page - Micro Commercial Components BZT52B6V2JS Datasheet HTML 3Page - Micro Commercial Components BZT52B6V2JS Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
* Mounted on 5.0mm
2(.013mm thick) land areas.
THRU
BZT52
B
75JS
200 mW
Zener Diode
3.0 to
75 Volts
Features
Planar Die Construction
200mW Power Dissipation
General Purpose Medium Current
Ideally Suited for Automated Assembly Processes
Absolute Maximum Ratings
Symbol
Parameter
Rating
Unit
PD
Power dissipation*
200
mW
TJ
Junction Temperature
-55 to +150
TSTG
Storage Temperature Range
-55 to +150
Absolute Maximum Ratings
Symbol
Parameter
Rating
Unit
RthJA
Thermal Resistance Junction to
Ambient*
625
/W
Electrical Characteristics
Symbol
Parameter
Rating
Unit
VF
Maximum Forward Voltage
(IF=10mAdc)
0.9
V
BZT52B3V0JS
www.mccsemi.com
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%    !"#
•
Lead Free Finish/RoHS Compliant("P" Suffix
designates RoHS Compliant. See ordering information)
Revision: F
1 of
4
2017/06/14
0.022”
0.074"
0.027”
SUGGESTED SOLDER
PAD LAYOUT
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisture Sensitivity Level 1
SOD
-323
•
Halogen free available upon request by adding suffix "-HF"
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.090
.107
2.30
2.70
B
.063
.071
1.60
1.80
C
.045
.053
1.15
1.35
D
.031
.045
0.80
1.15
E
.010
.016
0.25
0.40
G
.004
.018
0.10
0.45
H
.004
.010
0.10
0.25
J
-----
.006
-----
0.15
A
B
E
C
J
D
H
G
Micro Commercial Components
M C C
R


Similar Part No. - BZT52B6V2JS

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
BZT52B6V2 TSC-BZT52B6V2 Datasheet
124Kb / 3P
500mW, 2% Tolerance SMD Zener Diode
logo
Weitron Technology
BZT52B6V2 WEITRON-BZT52B6V2 Datasheet
170Kb / 3P
Surface Mount Zener Diodes
logo
Shenzhen Taychipst Elec...
BZT52B6V2 TAYCHIPST-BZT52B6V2 Datasheet
2Mb / 3P
Small Signal Diode
logo
Diotec Semiconductor
BZT52B6V2 DIOTEC-BZT52B6V2 Datasheet
86Kb / 2P
Surface mount Silicon Planar Zener Diodes
logo
Vishay Siliconix
BZT52B6V2 VISHAY-BZT52B6V2 Datasheet
121Kb / 8P
Small Signal Zener Diodes
26-Feb-13
More results

Similar Description - BZT52B6V2JS

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
1N5221 MCC-1N5221_11 Datasheet
477Kb / 5P
500 mW Zener Diode 2.4 to 75 Volts
DL5221 MCC-DL5221_11 Datasheet
632Kb / 5P
500 mW Zener Diode 2.4 to 75 Volts
BZV55C18-TP MCC-BZV55C18-TP Datasheet
665Kb / 3P
500 mW Zener Diode 2.0 to 75 Volts
BZV55C11-TP MCC-BZV55C11-TP Datasheet
661Kb / 3P
500 mW Zener Diode 2.0 to 75 Volts
1N5221B MCC-1N5221B Datasheet
550Kb / 5P
500 mW Zener Diode 2.4 to 75 Volts
BZT52B2V4 MCC-BZT52B2V4 Datasheet
303Kb / 3P
410 mW Zener Diode 2.4 to 75 Volts
BZT52B2V4LS MCC-BZT52B2V4LS Datasheet
607Kb / 4P
200 mW Zener Diode 2.4~75 Volts
BZT55C2V0 MCC-BZT55C2V0 Datasheet
135Kb / 3P
500 mW Zener Diode 2.0 to 75 Volts
BZV55C2V0 MCC-BZV55C2V0 Datasheet
421Kb / 3P
500 mW Zener Diode 2.0 to 75 Volts
ERD75F MCC-ERD75F Datasheet
245Kb / 4P
1000 mW Zener Diode 3.3 to 75 Volts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com