Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD9671EBZ Datasheet(PDF) 44 Page - Analog Devices

Part # AD9671EBZ
Description  Octal Ultrasound AFE with JESD204B
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9671EBZ Datasheet(HTML) 44 Page - Analog Devices

Back Button AD9671EBZ Datasheet HTML 40Page - Analog Devices AD9671EBZ Datasheet HTML 41Page - Analog Devices AD9671EBZ Datasheet HTML 42Page - Analog Devices AD9671EBZ Datasheet HTML 43Page - Analog Devices AD9671EBZ Datasheet HTML 44Page - Analog Devices AD9671EBZ Datasheet HTML 45Page - Analog Devices AD9671EBZ Datasheet HTML 46Page - Analog Devices AD9671EBZ Datasheet HTML 47Page - Analog Devices AD9671EBZ Datasheet HTML 48Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 61 page
background image
Data Sheet
AD9675
Rev. A | Page 43 of 60
SERIAL PORT INTERFACE (SPI)
The AD9675 SPI allows the user to configure the signal chain for
specific functions or operations through the structured register
space provided inside the chip. The SPI offers the user added
flexibility and customization, depending on the application.
Addresses are accessed via the serial port and can be written to
or read from via the port. Memory is organized into bytes that
can be further divided into fields, as documented in the Memory
Map section. For detailed operational information, see the AN-877
Application Note, Interfacing to High Speed ADCs via SPI.
Three pins define the serial port interface: SCLK, SDIO, and CSB
(see Table 28). The SCLK (serial clock) pin is used to synchronize
the read and write data presented to the device. The SDIO (serial
data input/output) pin is a dual-purpose pin that allows data to
be sent to and read from the internal memory map registers of
the device. The CSB (chip select bar) pin is an active low control
that enables or disables the read and write cycles.
Table 28. Serial Port Pins
Pin
Function
SCLK
Serial clock. Serial shift clock input. SCLK
synchronizes serial interface reads and writes.
SDIO
Serial data input/output. Dual-purpose pin that
typically serves as an input or an output, depending
on the instruction sent and the relative position in
the timing frame.
CSB
Chip select bar (active low). This control gates the
read and write cycles.
The falling edge of CSB, in conjunction with the rising edge of
SCLK, determines the start of the framing sequence. During the
instruction phase, a 16-bit instruction is transmitted, followed
by one or more data bytes, which is determined by Bit Field W0
and Bit Field W1. An example of the serial timing and its
definitions are shown in Figure 61 and Table 29.
During normal operation, CSB signals to the device that SPI
commands are to be received and processed. When CSB is
brought low, the device processes SCLK and SDIO to execute
instructions. Normally, CSB remains low until the communication
cycle is complete. However, if connected to a slow device, CSB
can be brought high between bytes, allowing older microcontrollers
enough time to transfer data into shift registers. CSB can be
stalled when transferring one, two, or three bytes of data. When
W0 and W1 are set to 11, the device enters streaming mode and
continues to process data, either reading or writing, until CSB is
taken high to end the communication cycle. This mode allows
complete memory transfers without the need for additional
instructions. Regardless of the mode, if CSB is taken high in the
middle of a byte transfer, the SPI state machine is reset, and the
device waits for a new instruction.
The SPI port can be configured to operate in different manners.
CSB can also be tied low to enable 2-wire mode. When CSB is
tied low, SCLK and SDIO are the only pins required for
communication. Although the device is synchronized during
power-up, exercise caution when using 2-wire mode to ensure
that the serial port remains synchronized with the CSB line.
When operating in 2-wire mode, use a 1-, 2-, or 3-byte transfer
exclusively. Without an active CSB line, streaming mode can be
entered but not exited.
In addition to word length, the instruction phase determines
whether the serial frame is a read or write operation, allowing
the serial port to be used both to program the chip and to read
the contents of the on-chip memory. If the instruction is a read-
back operation, performing a readback causes the serial data
input/output (SDIO) pin to change direction from an input to
an output at the appropriate point in the serial frame.
The user can send data in MSB first mode or LSB first mode.
MSB first mode is the default at power-up and is changed by
adjusting the configuration register (Address 0x000). For more
information about this and other features, see the AN-877
Application Note, Interfacing to High Speed ADCs via SPI.
HARDWARE INTERFACE
The pins described in Table 28 constitute the physical interface
between the programming device and the serial port of the
AD9675. The SCLK and CSB pins function as inputs when
using the SPI. The SDIO pin is bidirectional, functioning as an
input during write phases and as an output during readback.
If multiple SDIO pins share a common connection, ensure that
proper VOH levels are met. Figure 60 shows the number of SDIO
pins that can be connected together and the resulting VOH level,
assuming the same load for each AD9675.
Figure 60. SDIO Pin Loading
This interface is flexible enough to be controlled either by serial
programmable read-only memories (PROMs) or by PIC
microcontrollers, which provide the user with an alternative to a
full SPI controller for programming the device (see the AN-812
Application Note, Microcontroller-Based Serial Port Interface
(SPI®) Boot Circuit).
NUMBER OF SDIO PINS CONNECTED TOGETHER
1.715
1.720
1.725
1.730
1.735
1.740
1.745
1.750
1.755
1.760
1.765
1.770
1.775
1.780
1.785
1.790
1.795
1.800
030
20
10
40
50
60
70
80
90
100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com