Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FDMF5820TDC Datasheet(PDF) 21 Page - ON Semiconductor

Part # FDMF5820TDC
Description  Smart Power Stage (SPS) Module with Integrated Thermal Warning
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FDMF5820TDC Datasheet(HTML) 21 Page - ON Semiconductor

Back Button FDMF5820TDC Datasheet HTML 17Page - ON Semiconductor FDMF5820TDC Datasheet HTML 18Page - ON Semiconductor FDMF5820TDC Datasheet HTML 19Page - ON Semiconductor FDMF5820TDC Datasheet HTML 20Page - ON Semiconductor FDMF5820TDC Datasheet HTML 21Page - ON Semiconductor FDMF5820TDC Datasheet HTML 22Page - ON Semiconductor FDMF5820TDC Datasheet HTML 23Page - ON Semiconductor FDMF5820TDC Datasheet HTML 24Page - ON Semiconductor FDMF5820TDC Datasheet HTML 25Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
© 2015 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FDMF5820TDC • Rev. 1.1
20
PCB Layout Guideline
Figure 38 through Figure 41 provide examples of single-
phase and multi-phase layouts for the FDMF5820TDC
and critical components. All of the high-current paths;
such as VIN, SW, VOUT, and GND coppers; should be
short and wide for low parasitic inductance and
resistance. This helps achieve a more stable and evenly
distributed current flow, along with enhanced heat
radiation and system performance.
Input ceramic bypass capacitors must be close to the
VIN and PGND pins. This reduces the high-current
power loop inductance and the input current ripple
induced by the power MOSFET switching operation.
The SW copper trace serves two purposes. In addition
to being the high-frequency current path from the SPS
package to the output inductor, it serves as a heat sink
for the low-side MOSFET. The trace should be short
and wide enough to present a low-impedance path for
the high-frequency, high-current flow between the SPS
and the inductor. The short and wide trace minimizes
electrical losses and SPS temperature rise. The SW
node is a high-voltage and high-frequency switching
node with high noise potential. Care should be taken to
minimize coupling to adjacent traces. Since this copper
trace acts as a heat sink for the low-side MOSFET,
balance using the largest area possible to improve SPS
cooling while maintaining acceptable noise emission.
An output inductor should be located close to the
FDMF5820TDC to minimize the power loss due to the
SW copper trace. Care should also be taken so the
inductor dissipation does not heat the SPS.
PowerTrench
® MOSFETs are used in the output stage
and are effective at minimizing ringing due to fast
switching. In most cases, no RC snubber on SW node is
required. If a snubber is used, it should be placed close
to the SW and PGND pins. The resistor and capacitor of
the snubber must be sized properly to not generate
excessive heating due to high power dissipation.
Decoupling capacitors on PVCC, VCC, and BOOT
capacitors should be placed as close as possible to the
PVCC ~ PGND, VCC ~ AGND, and BOOT ~ PHASE pin
pairs to ensure clean and stable power supply. Their
routing traces should be wide and short to minimize
parasitic PCB resistance and inductance.
The board layout should include a placeholder for small-
value series boot resistor on BOOT ~ PHASE. The boot-
loop size, including series RBOOT and CBOOT, should be
as small as possible.
A boot resistor may be required when the SPS is
operating above 15 V VIN and it is effective to control the
high-side MOSFET turn-on slew rate and SW voltage
overshoot. RBOOT can improve noise operating margin in
synchronous buck designs that may have noise issues
due to ground bounce or high positive and negative VSW
ringing. Inserting a boot resistance lowers the SPS
module efficiency. Efficiency versus switching noise
must be considered. RBOOT values from 0.5 W to 6.0 W
are typically effective in reducing VSW overshoot.
The VIN and PGND pins handle large current transients
with frequency components greater than 100 MHz. If
possible, these pins should be connected directly to the
VIN and board GND planes. The use of thermal relief
traces in series with these pins is not recommended
since this adds extra parasitic inductance to the power
path. This added inductance in series with either the
VIN or PGND pin degrades system noise immunity by
increasing positive and negative VSW ringing.
PGND pad and pins should be connected to the GND
copper plane with multiple vias for stable grounding.
Poor grounding can create a noisy and transient offset
voltage level between PGND and AGND. This could
lead to faulty operation of gate driver and MOSFETs.
Ringing at the BOOT pin is most effectively controlled
by close placement of the boot capacitor. Do not add
any additional capacitors between BOOT to PGND. This
may lead to excess current flow through the BOOT
diode, causing high power dissipation.
The ZCD# and EN pins have weak internal pull-up and
pull-down current sources, respectively. These pins
should not have any noise filter capacitors. Do not float
these pins unless absolutely necessary.
Put multiple vias on the VIN and VOUT copper areas to
interconnect top, inner, and bottom layers to evenly
distribute current flow and heat conduction. Do not put
too many vias on the SW copper to avoid extra parasitic
inductance and noise on the switching waveform. As
long
as
efficiency
and
thermal
performance
are
acceptable, place only one SW node copper on the top
layer and put no vias on the SW copper to minimize
switch node parasitic noise. Vias should be relatively
large and of reasonably low inductance. Critical high-
frequency components; such as RBOOT, CBOOT, RC
snubber, and bypass capacitors; should be located as
close to the respective SPS module pins as possible on
the top layer of the PCB. If this is not feasible, they can
be placed on the board bottom side and their pins
connected from bottom to top through a network of low-
inductance vias.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com