Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FDMF6704 Datasheet(PDF) 8 Page - ON Semiconductor

Part # FDMF6704
Description  The Xtra Small, High Performance, High Frequency DrMOS Module
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FDMF6704 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button FDMF6704 Datasheet HTML 4Page - ON Semiconductor FDMF6704 Datasheet HTML 5Page - ON Semiconductor FDMF6704 Datasheet HTML 6Page - ON Semiconductor FDMF6704 Datasheet HTML 7Page - ON Semiconductor FDMF6704 Datasheet HTML 8Page - ON Semiconductor FDMF6704 Datasheet HTML 9Page - ON Semiconductor FDMF6704 Datasheet HTML 10Page - ON Semiconductor FDMF6704 Datasheet HTML 11Page - ON Semiconductor FDMF6704 Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
7
www.fairchildsemi.com
FDMF6704 Rev. G
Typical Characteristics
VIN = 12V, VCIN = 5V, TA = 25°C unless otherwise noted.
Figure 9. Power Loss vs. Switching Frequency
Figure 10. Power Loss vs. Input Voltage
Figure 11. Power Loss vs. Driver Supply Voltage
Figure 12. Power Loss vs. Output Voltage
Figure 7. Safe Operating Area
Figure 8. Module Power Loss vs. Output Current
0
5
10
15
20
25
30
35
0
25
50
75
100
125
150
PCB Temperature, oC
VIN = 12 V
VOUT = 1.3 V
fSW = 1 MHz
L = 440 nH
0
2
4
6
8
10
12
0
5
10
15
20
25
30
35
ILOAD, A
fSW = 1 MHz
fSW = 350 kHz
VIN = 12 V
VOUT = 1.3 V
L = 440 nH
0.98
1.00
1.02
1.04
1.06
1.08
1.10
1.12
1.14
1.16
6
8
10
12
14
16
Input Voltage, V
VOUT = 1.3 V
IOUT = 30 A
L = 440 nH
fSW = 350 kHz
0.80
0.90
1.00
1.10
1.20
1.30
1.40
0.8
1.1
1.4
1.7
2.0
2.3
2.6
2.9
3.2
Output Voltage, V
VIN = 12 V
IOUT = 30 A
L = 440 nH
fSW = 350 kHz
0.89
0.92
0.95
0.98
1.01
1.04
1.07
1.10
4.5
4.8
5.1
5.4
5.7
6.0
Driver Supply Voltage, V
VIN = 12 V
VOUT = 1.3 V
IOUT = 30 A
L = 440 nH
fSW = 350 kHz
0.80
0.90
1.00
1.10
1.20
1.30
1.40
200
300
400
500
600
700
800
900
1000
fSW, kHz
VIN = 12 V
VOUT = 1.3 V
IOUT = 30 A
L = 440 nH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com