Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FDMF6705 Datasheet(PDF) 6 Page - ON Semiconductor

Part # FDMF6705
Description  Extra-Small, High-Performance, High-Frequency DrMOS Module
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FDMF6705 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button FDMF6705 Datasheet HTML 2Page - ON Semiconductor FDMF6705 Datasheet HTML 3Page - ON Semiconductor FDMF6705 Datasheet HTML 4Page - ON Semiconductor FDMF6705 Datasheet HTML 5Page - ON Semiconductor FDMF6705 Datasheet HTML 6Page - ON Semiconductor FDMF6705 Datasheet HTML 7Page - ON Semiconductor FDMF6705 Datasheet HTML 8Page - ON Semiconductor FDMF6705 Datasheet HTML 9Page - ON Semiconductor FDMF6705 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
© 2011 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FDMF6705 • Rev. 1.0.4
5
Electrical Characteristics
Typical values are VIN = 12 V, VCIN = 5 V, VDRV = 5 V, and TA = +25°C unless otherwise noted.
Symbol
Parameter
Condition
Min. Typ.
Max.
Unit
Basic Operation
IQ
Quiescent Current
IQ=IVCIN+IVDRV, PWM=LOW or HIGH or Float
2
mA
UVLO
UVLO Threshold
VCIN Rising
2.9
3.1
3.3
V
UVLO_Hyst UVLO Hysteresis
0.4
V
PWM Input (VCIN = VDRV = 5 V ±10%)
RUP_PWM
Pull-Up Impedance
10
kΩ
RDN_PWM
Pull-Down Impedance
10
kΩ
VIH_PWM
PWM High Level Voltage
3.04
3.55
4.05
V
VTRI_HI
3-State Upper Threshold
2.95
3.45
3.94
V
VTRI_LO
3-State Lower Threshold
0.98
1.25
1.52
V
VIL_PWM
PWM Low Level Voltage
0.84
1.15
1.42
V
tD_HOLD-OFF 3-State Shutoff Time
160
200
ns
VHiZ_PWM
3-State Open Voltage
2.2
2.5
2.8
V
PWM Input (VCIN = VDRV = 5 V ±5%)
RUP_PWM
Pull-Up Impedance
10
kΩ
RDN_PWM
Pull-Down Impedance
10
kΩ
VIH_PWM
PWM High Level Voltage
3.22
3.55
3.87
V
VTRI_HI
3-State Upper Threshold
3.13
3.45
3.77
V
VTRI_LO
3-State Lower Threshold
1.04
1.25
1.46
V
VIL_PWM
PWM Low Level Voltage
0.90
1.15
1.36
V
tD_HOLD-OFF 3-State Shutoff Time
160
200
ns
VHiZ_PWM
3-State Open Voltage
2.3
2.5
2.7
V
DISB# Input
VIH_DISB
High-Level Input Voltage
2
V
VIL_DISB
Low-Level Input Voltage
0.8
V
IPLD
Pull-Down Current
10
µA
tPD_DISBL
Propagation Delay
PWM=GND, Delay Between DISB# from
HIGH to LOW to GL from HIGH to LOW
25
ns
tPD_DISBH
Propagation Delay
PWM=GND, Delay Between DISB# from
LOW to HIGH to GL from LOW to HIGH
25
ns
SMOD# Input
VIH_SMOD
High-Level Input Voltage
2
V
VIL_SMOD
Low-Level Input Voltage
0.8
V
IPLU
Pull-Up Current
10
µA
tPD_SLGLL
Propagation Delay
PWM=GND, Delay Between SMOD# from
HIGH to LOW to GL from HIGH to LOW
10
ns
tPD_SHGLH
Propagation Delay
PWM=GND, Delay Between SMOD# from
LOW to HIGH to GL from LOW to HIGH
10
ns
Continued on the following page…



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com