Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FDMF6705B Datasheet(PDF) 5 Page - ON Semiconductor

Part # FDMF6705B
Description  Extra-Small, High-Performance, High-Frequency DrMOS Module
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FDMF6705B Datasheet(HTML) 5 Page - ON Semiconductor

  FDMF6705B Datasheet HTML 1Page - ON Semiconductor FDMF6705B Datasheet HTML 2Page - ON Semiconductor FDMF6705B Datasheet HTML 3Page - ON Semiconductor FDMF6705B Datasheet HTML 4Page - ON Semiconductor FDMF6705B Datasheet HTML 5Page - ON Semiconductor FDMF6705B Datasheet HTML 6Page - ON Semiconductor FDMF6705B Datasheet HTML 7Page - ON Semiconductor FDMF6705B Datasheet HTML 8Page - ON Semiconductor FDMF6705B Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
© 2011 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FDMF6705B • Rev. 1.0.3
4
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be
operable above the recommended operating conditions and stressing the parts to these levels is not recommended.
In addition, extended exposure to stresses above the recommended operating conditions may affect device reliability.
The absolute maximum ratings are stress ratings only.
Symbol
Parameter
Min.
Max.
Unit
VCIN
Supply Voltage
Referenced to CGND
-0.3
6.0
V
VDRV
Drive Voltage
Referenced to CGND
-0.3
6.0
V
VDISB#
Output Disable
Referenced to CGND
-0.3
6.0
V
VPWM
PWM Signal Input
Referenced to CGND
-0.3
6.0
V
VSMOD#
Skip Mode Input
Referenced to CGND
-0.3
6.0
V
VGL
Low Gate Manufacturing Test Pin
Referenced to CGND
-0.3
6.0
V
VTHWN#
Thermal Warning Flag
Referenced to CGND
-0.3
6.0
V
VIN
Power Input
Referenced to PGND, CGND
-0.3
30.0
V
VBOOT
Bootstrap Supply
Referenced to VSWH, PHASE
-0.3
6.0
V
Referenced to CGND
-0.3
30.0
V
VGH
High Gate Manufacturing Test Pin
Referenced to VSWH, PHASE
-0.3
6.0
V
Referenced to CGND
-0.3
30.0
V
VPHS
PHASE
Referenced to CGND
-0.3
30.0
V
VSWH
Switch Node Input
Referenced to PGND, CGND (DC Only)
-0.3
30.0
V
Referenced to PGND, <20 ns
-8.0
33.0
V
VBOOT
Bootstrap Supply
Referenced to VDRV
22.0
V
Referenced to VDRV, <20 ns
25.0
V
ITHWN#
THWN# Sink Current
-0.1
7.0
mA
IO(AV)
Output Current
(1)
fSW=300 kHz, VIN=19 V, VO=1.0 V
38
A
fSW=1 MHz, VIN=19 V, VO=1.0 V
35
θJPCB
Junction-to-PCB Thermal Resistance
3.5
°C/W
TA
Ambient Temperature Range
-40
+125
°C
TJ
Maximum Junction Temperature
+150
°C
TSTG
Storage Temperature Range
-55
+150
°C
ESD
Electrostatic Discharge Protection
Human Body Model, JESD22-A114
2000
V
Charged Device Model, JESD22-C101
1000
Note:
1.
IO(AV) is rated using Fairchild’s DrMOS evaluation board, TA = 25°C, natural convection cooling. This rating is limited
by the peak DrMOS temperature, TJ = 150°C, and varies depending on operating conditions and PCB layout. This
rating can be changed with different application settings.
Recommended Operating Conditions
The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended
operating conditions are specified to ensure optimal performance to the datasheet specifications. Fairchild does not
recommend exceeding them or designing to Absolute Maximum Ratings.
Symbol
Parameter
Min.
Typ.
Max.
Unit
VCIN
Control Circuit Supply Voltage
4.5
5.0
5.5
V
VDRV
Gate Drive Circuit Supply Voltage
4.5
5.0
5.5
V
VIN
Output Stage Supply Voltage
3.0
12.0
24.0
(2)
V
Note:
2.
Operating at high VIN can create excessive AC overshoots on the VSWH-to-GND and BOOT-to-GND nodes
during MOSFET switching transients. For reliable DrMOS operation, VSWH-to-GND and BOOT-to-GND must
remain at or below the Absolute Maximum Ratings shown in the table above. Refer to the “Application
Information” and “PCB Layout Guidelines” sections of this datasheet for additional information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com