Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FDMF6706C Datasheet(PDF) 9 Page - ON Semiconductor

Part # FDMF6706C
Description  Extra-Small, High-Performance, High-Frequency DrMOS Module
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FDMF6706C Datasheet(HTML) 9 Page - ON Semiconductor

Back Button FDMF6706C Datasheet HTML 5Page - ON Semiconductor FDMF6706C Datasheet HTML 6Page - ON Semiconductor FDMF6706C Datasheet HTML 7Page - ON Semiconductor FDMF6706C Datasheet HTML 8Page - ON Semiconductor FDMF6706C Datasheet HTML 9Page - ON Semiconductor FDMF6706C Datasheet HTML 10Page - ON Semiconductor FDMF6706C Datasheet HTML 11Page - ON Semiconductor FDMF6706C Datasheet HTML 12Page - ON Semiconductor FDMF6706C Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
© 2011 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FDMF6706C • Rev. 1.0.3
8
Typical Performance Characteristics
Test Conditions: VIN=12 V, VOUT=1.0 V, VCIN=5 V, VDRV=5 V, LOUT=320 nH, TA=25°C, and natural convection cooling,
unless otherwise specified.
Figure 6.
Safe Operating Area
Figure 7.
Module Power Loss vs. Output Current
Figure 8.
Power Loss vs. Switching Frequency
Figure 9.
Power Loss vs. Input Voltage
Figure 10.
Power Loss vs. Driver Supply Voltage
Figure 11.
Power Loss vs. Output Voltage
300kHz
1MHz
IOUT = 30A
fSW = 300kHz
IOUT = 30A
fSW = 300kHz
IOUT = 30A
fSW = 300kHz
IOUT = 30A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com