Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC4002ES8-4.2 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC4002ES8-4.2
Description  Standalone Li-Ion Switch Mode Battery Charger
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4002ES8-4.2 Datasheet(HTML) 5 Page - Linear Technology

  LTC4002ES8-4.2 Datasheet HTML 1Page - Linear Technology LTC4002ES8-4.2 Datasheet HTML 2Page - Linear Technology LTC4002ES8-4.2 Datasheet HTML 3Page - Linear Technology LTC4002ES8-4.2 Datasheet HTML 4Page - Linear Technology LTC4002ES8-4.2 Datasheet HTML 5Page - Linear Technology LTC4002ES8-4.2 Datasheet HTML 6Page - Linear Technology LTC4002ES8-4.2 Datasheet HTML 7Page - Linear Technology LTC4002ES8-4.2 Datasheet HTML 8Page - Linear Technology LTC4002ES8-4.2 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
LTC4002-4.2
5
400242i
NTC Pin Output Current
vs VCC
Recharge Voltage Offset from Full
Charged Voltage vs Temperature
Recharge Voltage Offset from Full
Charged Voltage vs VCC
End-of-Charge Ratio
vs Temperature
Trickle Charge Sense Voltage
vs Temperature
Trickle Charge Sense Voltage
vs VCC
TEMPERATURE (
°C)
–50
25
400242 G12
10.0
–25
0
50
9.6
10.4
75
100
125
VBAT = 2.5V
VCC (V)
5
10
25
400242 G13
9
10
15
20
11
VBAT = 2.5V
NTC Pin Output Current
vs Temperature
COMP Pin Output Current
vs VCC
COMP Pin Output Current
vs Temperature
VCC (V)
5
100
25
400242 G14
98
10
15
20
102
VCOMP = 0V
TEMPERATURE (
°C)
–50
25
400242 G15
100
–25
0
50
96
104
75
100
125
VCOMP = 0V
VCC (V)
5
85
25
400242 G16
84
10
15
20
86
VNTC = 0V
TEMPERATURE (
°C)
–50
25
400242 G17
85
–25
0
50
81
89
75
100
125
VNTC = 0V
TEMPERATURE (
°C)
–50
25
400242 G18
150
–25
0
50
110
190
75
100
125
VCC (V)
5
150
25
400242 G19
140
10
15
20
160
TEMPERATURE (
°C)
–50
25
400242 G20
25
–25
0
50
21
29
75
100
125
TYPICAL PERFOR A CE CHARACTERISTICS T
A = 25°C, VCC = 10V unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com