Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ATPL250A Datasheet(PDF) 13 Page - ATMEL Corporation

Part # ATPL250A
Description  ATPL Series Power Line Communications Device
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATPL250A Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button ATPL250A Datasheet HTML 9Page - ATMEL Corporation ATPL250A Datasheet HTML 10Page - ATMEL Corporation ATPL250A Datasheet HTML 11Page - ATMEL Corporation ATPL250A Datasheet HTML 12Page - ATMEL Corporation ATPL250A Datasheet HTML 13Page - ATMEL Corporation ATPL250A Datasheet HTML 14Page - ATMEL Corporation ATPL250A Datasheet HTML 15Page - ATMEL Corporation ATPL250A Datasheet HTML 16Page - ATMEL Corporation ATPL250A Datasheet HTML 17Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
13
ATPL250A [DATASHEET]
Atmel-43079F-ATPL250A-Datasheet_22-Sep-16
6.
Electrical characteristics
6.1
Absolute Maximum Ratings
Permanent device damage may occur if Absolute Maximum Ratings are exceeded. Functional operation should be
restricted to the conditions given in the Recommended Operating Conditions section. Exposure to the Absolute
Maximum Conditions for extended periods may affect device reliability.
Notes: 1. DC current that continuously flows for 10 ms or more, or average DC current.
2. Applies to all the pins except EMIT pins. EMIT pins should be only used according to circuit configura-
tions recommended by Atmel.
Table 6-1.
Absolute Maximum Ratings
Parameter
Symbol
Rating
Unit
Supply Voltage
VDDIO
-0.5 to 4.0
V
Input Voltage
VI
-0.5 to VDDIO +0.5 (≤ 4.0V)
Output Voltage
VO
-0.5 to VDDIO +0.5 (<4.0V)
Storage Temperature
TST
-55 to 125
ºC
Junction Temperature
TJ
-40 to 125
Output Current(1)
IO
±10(2)
mA
Precautions
for
handling
electrostatic
sensitive
devices
should
be
taken
into
account
to
avoid
malfunction.
Charged
devices
and
circuit
boards
can
discharge
without detection.
ATTENTION observe EDS precautions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com