Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FC13991 Datasheet(PDF) 2 Page - Ledil, Inc.

Part # FC13991
Description  Angela RefPack
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

FC13991 Datasheet(HTML) 2 Page - Ledil, Inc.

  FC13991 Datasheet HTML 1Page - Ledil, Inc. FC13991 Datasheet HTML 2Page - Ledil, Inc. FC13991 Datasheet HTML 3Page - Ledil, Inc. FC13991 Datasheet HTML 4Page - Ledil, Inc. FC13991 Datasheet HTML 5Page - Ledil, Inc. FC13991 Datasheet HTML 6Page - Ledil, Inc. FC13991 Datasheet HTML 7Page - Ledil, Inc. FC13991 Datasheet HTML 8Page - Ledil, Inc. FC13991 Datasheet HTML 9Page - Ledil, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
Note: Fastening with connector,
see related Angela/Angelina datasheet
A
H
B
G
3
2
4
1
DESIGNED BY
-
DATE
CHECKED BY
DATE
DRAWN BY
joni.palm
DATE
REV
001
Tolerances if not otherwise shown
According to DIN ISO 2768-1
Linear measures:
Up to 30mm class M, otherwise class C.
According to DIN ISO 2768-2
Form and position: class L
Control for SPC marked dimensions.
SCALE
1:1 WEIGHT
(g)
SHEET
1/1
SIZE
A3
DRAWING TITLE
Datasheet Angela assembly
PART NUMBER
Ledil Oy
Salorankatu 10
FIN 24240 SALO
Finland
THIRD ANGLE PROJECTION:
LEDiL PROPRIETARY
This drawing is the property of LEDiL Oy. It may not be reproduced,
copied or communicated without a written agreement with LEDiL Oy.
INDEX PART NO DESCRIPTION MATERIAL
1
F13671
ANGE-RZ-LENS
PC
2
All ANGELA versions
PC
23.9.2013
-
119
. 5
Top view
Front view
This drawing applies to:
FC13991_ANGELA-RZ-S
FC13992_ANGELA-RZ-M
FC13993_ANGELA-RZ-W
FC13994_ANGELA-RZ-XW
FC13980_ANGELA-RZ-S-B
FC13987_ANGELA-RZ-M-B
FC13988_ANGELA-RZ-W-B
FC13983_ANGELA-RZ-XW-B
Isometric view
Isometric mounting view
Scale: 2:3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com