Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SML310BAT Datasheet(PDF) 1 Page - Rohm

Part # SML310BAT
Description  Small,chip LEDs (Blue.Green)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SML310BAT Datasheet(HTML) 1 Page - Rohm

  SML310BAT Datasheet HTML 1Page - Rohm SML310BAT Datasheet HTML 2Page - Rohm SML310BAT Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SML31*Series
LED lamps
1/3
Small,chip LEDs (Blue
. Green)
SML31
∗∗∗∗ Series
The SML31*series are small, chip LEDs. The compact and leadless design of these LED
allows for high mounting density.
!
Features
1) Two colors, three types (Blue and Green)
2) Rectangular and leadless (1.6x0.8mm, 0.8mm thick)
3) Can be mounted by automatic mounting.
!
!
!
!
External dimensions (Units : mm)
Electrode
1.2
1.6
+0.2
0
1.0
Cathode index
Tolerances are ±0.1
unless other wise noted:
!
!
!
!
Selection guide
Emitting color
Lens
Transparent clear
Blue
(GaN)
Blue
Green
(InGaN)
SML310BAT SML311BBT SML311EBT
(InGaN)
!
!
!
!
Absolute maximum ratings (Ta=25
°C)
*
Duty 1 / 10 , 1KHZ
Parameter
Symbol
PD
IF
IFP
VR
Topr
Tstg
Limits
5
−20∼+80
−30∼+100
Unit
mW
mA
mA*
V
˚C
˚C
94
70
84
20
100
Power dissipation
Forward current
Peak forward current
Reverse voltage
Operating temperature
Storage temperature
SML310BAT
SML311BBT
SML311EBT


Similar Part No. - SML310BAT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SML310BAT ETC1-SML310BAT Datasheet
106Kb / 2P
LEDs, Surface Mount
logo
Rohm
SML310BAT ROHM-SML310BAT Datasheet
221Kb / 3P
High Brightness Type Mini-molded chip LEDs
More results

Similar Description - SML310BAT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CL-150 ETC-CL-150 Datasheet
349Kb / 8P
ULTRA SMALL CHIP LEDS FOR USE IN VARIOUS ELECTRONIC PRODUCTS
logo
Rohm
SML-521 ROHM-SML-521 Datasheet
70Kb / 4P
Two-color chip LEDs, super small type
SML-210MT ROHM-SML-210MT Datasheet
95Kb / 5P
Small, chip LEDs
logo
List of Unclassifed Man...
CL-165HRYG-D ETC1-CL-165HRYG-D Datasheet
355Kb / 8P
ULTRA - SMALL CHIP - LEDS FOR USE IN VARIOUS ELECTRONIC PRODUCTS
logo
Everlight Electronics C...
17-21UYC EVERLIGHT-17-21UYC Datasheet
152Kb / 10P
Chip LEDs
23-21SYGC EVERLIGHT-23-21SYGC Datasheet
153Kb / 9P
Chip LEDs
23-21UYC EVERLIGHT-23-21UYC Datasheet
154Kb / 9P
Chip LEDs
logo
Rohm
SML-210LTT86 ROHM-SML-210LTT86 Datasheet
103Kb / 5P
Small, chip LEDs
SML-210YTT86 ROHM-SML-210YTT86 Datasheet
103Kb / 5P
Small, chip LEDs
SML-210FTT86 ROHM-SML-210FTT86 Datasheet
103Kb / 5P
Small, chip LEDs
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com