Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FN15272 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # FN15272
Description  Angelette RefPack
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

FN15272 Datasheet(HTML) 1 Page - Ledil, Inc.

  FN15272 Datasheet HTML 1Page - Ledil, Inc. FN15272 Datasheet HTML 2Page - Ledil, Inc. FN15272 Datasheet HTML 3Page - Ledil, Inc. FN15272 Datasheet HTML 4Page - Ledil, Inc. FN15272 Datasheet HTML 5Page - Ledil, Inc. FN15272 Datasheet HTML 6Page - Ledil, Inc. FN15272 Datasheet HTML 7Page - Ledil, Inc. FN15272 Datasheet HTML 8Page - Ledil, Inc. FN15272 Datasheet HTML 9Page - Ledil, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
PRODUCT DATASHEET
Angelette series
last update 20/12/2016
DETAILS
Product Number
FN15272_ANGELETTE-WW-PLAIN-RZ
Family
Angelette
Type
RefPack
Color
metal
Diameter
110 mm
Height
57,3 mm
Style
round
Optic Material
PC
Holder Material
Fastening
Status
production ready
ROHS Compliant
Yes
Date Updated
20/12/2016
OPTICAL PROPERTIES
Viewing
Light
Effi-
LED
Angle
Beam
ciency
cd/lm
Connector
V22 Gen6
65 deg
Very Wide
85 %
0.810
IDEAL: 50-2204-CT + 50-2100AN
V13 Gen7
64 deg
Very Wide
86 %
0.920
TE: 2213254-2 + OPTIC CLIP Z50 TYPE1 2213194-1
LUXEON CoB 1208
63 deg
Very Wide
84 %
0.890
IDEAL: 50-2204-CT + 50-2100AN
LUXEON CoB 1208
64 deg
Very Wide
85 %
0.890
TE: 2213130-2 + OPTIC CLIP Z50 TYPE1 2213194-1
LUXEON CoB 1211
64 deg
Very Wide
85 %
0.870
IDEAL: 50-2204-CT + 50-2100AN
PrevaLED Core Z4 LES19
64 deg
Very Wide
86 %
0.900
TE: 2213130-2
Soleriq S19
65 deg
Very Wide
85 %
0.860
TE: 2213407-2 + OPTIC CLIP Z50 TYPE1 2213194-1
AC Zhaga COB
71 deg
Very Wide
85 %
0.740
Optosource: SEHSMJD-A
SLE G1 15mm 2000lm 927 Sunset R EXC
65 deg
Very Wide
86 %
0.910
TE: 2213254-2 + OPTIC CLIP Z50 TYPE1 2213194-1
SLE G1 11mm 1000lm 927 Sunset R EXC
62 deg
Very Wide
86 %
0.980
TE: 2213254-2 + OPTIC CLIP Z50 TYPE1 2213194-1
February 8th 2018 2:14 Copyright Ledil Oy - Subject to change without prior notice - Page 1/1
Ledil Oy
Salorankatu 10
24240 SALO, Finland
http://www.ledil.com
email: ledil@ledil.com
FAX: +358-2-733 8001


Similar Part No. - FN15272

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
FN15270 LEDIL-FN15270 Datasheet
2Mb / 41P
Angelette RefPack
FN15271 LEDIL-FN15271 Datasheet
2Mb / 39P
Angelette RefPack
More results

Similar Description - FN15272

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
FCN15093 CREE-FCN15093 Datasheet
699Kb / 7P
Angelette series
FCN15116 CREE-FCN15116 Datasheet
699Kb / 7P
Angelette series
FCN15296 CREE-FCN15296 Datasheet
675Kb / 7P
Angelette series
FCN15297 CREE-FCN15297 Datasheet
677Kb / 7P
Angelette series
CN14424 CREE-CN14424 Datasheet
352Kb / 5P
Angelette series
logo
Ledil, Inc.
FN15267 LEDIL-FN15267 Datasheet
2Mb / 45P
Angelette RefPack
FN15268 LEDIL-FN15268 Datasheet
2Mb / 43P
Angelette RefPack
FN15269 LEDIL-FN15269 Datasheet
1Mb / 27P
Angelette RefPack
FN15270 LEDIL-FN15270 Datasheet
2Mb / 41P
Angelette RefPack
FN15271 LEDIL-FN15271 Datasheet
2Mb / 39P
Angelette RefPack
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com