Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

KBJ404G Datasheet(PDF) 1 Page - Micro Commercial Components

Part # KBJ404G
Description  4 Amp GLASS PASSIVATED BRIDGE RECTIFIERS 50 to 1000 Volts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

KBJ404G Datasheet(HTML) 1 Page - Micro Commercial Components

  KBJ404G Datasheet HTML 1Page - Micro Commercial Components KBJ404G Datasheet HTML 2Page - Micro Commercial Components KBJ404G Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
THRU
KBJ410G
4 Amp
GLASS PASSIVATED
BRIDGE RECTIFIERS
KB J
Features
Maximum Ratings
MCC
Catalog
Number
Device
Marking
Maximum
Recurrent
Peak
Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
K BJ4005G
KBJ4005G
50V
35V
50V
KB J401G
KBJ401G
100V
70V
100V
KB J 402G
KBJ402G
200V
140V
200V
KB J404G
KBJ404G
400V
280V
400V
KB J406G
KBJ406G
600V
420V
600V
KB J408G
KBJ408G
800V
560V
800V
KB J410G
KBJ410G
1000V
700V
1000V
Electrical Characteristics @ 25°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
4.0A
TC = 100°C
Peak Forward Surge
Current
IFSM
150A
8.3ms, half sine
Maximum Forward
Voltage Drop Per
Element
VF
1.0V
IFM = 2.0A per
element;
TA = 25°C (Note 2)
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
5µA
50 to 1000 Volts
500µA
I t Rating for fusing
2
I t
2
93A S
2
t<8.3ms
+
++
+
----
~
~~
~
~
~~
~
A
C
D
G
H
B
N
M
L
J
I
K
O
E
F
P
KBJ4005G
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
C
.154
.161
3.90
4.10
D
.173
.189
4.40
4.80
F
.122
.134
3.10
3.40
A
.976
.992
24.80
25.20
B
.579
.602
14.70
15.30
E
.134
.150
3.40
3.80
G
.130
.146
3.30
3.70
I
.059
.075
1.50
1.90
J
.669
.709
17.00
18.00
H
.035
.043
0.90
1.10
L
.098
.114
2.50
2.90
M
.024
.031
0.60
0.80
N
.366
.413
9.30
10.50
P
.122
.134
3.10
3.40
O
.118X45
3.0X45
°°
K
.287
.303
7.30
7.70
Revision: E
2017/07/20
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
www.mccsemi.com
1 of 3
•
Diffused Junc tion
•
Low Forward Voltage Drop
•
High Curr ent Capabil ity
•
Case Material: Molded Plastic. UL Flammability
Classification Rating 94V-0 and MSL Rating 1
• Lead Free Finish/RoHS Compliant (NOTE 1)("P" Suffix
designates RoHS Compliant. See ordering information)
Case Type
~
~
Notes:
1.
High Temperature Solder Exemption Applied, see EU Directive Annex Notes 7a
2. Pulse Test: Pulse Width 300usec, Duty Cycle 1%
•
Operating Junction Temperature: -55°C to + 150°C
•
Storage Temperature: -55°C to +150°C
•
UL Recognized File # E165989
•
Mounting Torgue: 5.0 in-lbs Maximum
TJ=25
OC
TJ=125
OC
Micro Commercial Components
M C C
R


Similar Part No. - KBJ404G

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
KBJ404G JGD-KBJ404G Datasheet
160Kb / 2P
CLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIERS
logo
Diodes Incorporated
KBJ404G DIODES-KBJ404G Datasheet
53Kb / 2P
4.0A GLASS PASSIVATED BRIDGE RECTIFIER
DS21206 Rev. F-2
logo
Fuji Electric
KBJ404G FUJI-KBJ404G Datasheet
751Kb / 1P
4 AMP GLASS PASSIVATED SILICON BRIDGE RECTIFIER
logo
Diodes Incorporated
KBJ404G DIODES-KBJ404G Datasheet
71Kb / 3P
4.0A GLASS PASSIVATED BRIDGE RECTIFIER
DS21206 Rev. 9 - 2
logo
MIC GROUP RECTIFIERS
KBJ404G MIC-KBJ404G Datasheet
64Kb / 2P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
More results

Similar Description - KBJ404G

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
GBJ50005 MCC-GBJ50005 Datasheet
344Kb / 3P
50 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
GBU15A MCC-GBU15A_17 Datasheet
206Kb / 3P
15 Amp Single Phase Glass Passivated Bridge Rectifiers 50 to 1000 Volts
KBJ6005G MCC-KBJ6005G Datasheet
735Kb / 3P
6.0 Amp Glass Passivated Bridge Rectifiers 50 to 1000 volts
KBJ10005G MCC-KBJ10005G Datasheet
354Kb / 3P
10 Amp GLASS PASSIVATED BRIDGE RECTIFIERS 50 to 1000 Volts
KBJA4005 MCC-KBJA4005 Datasheet
369Kb / 3P
4 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
KBJL4005G MCC-KBJL4005G Datasheet
281Kb / 2P
4 Amp GLASS PASSIVATED BRIDGE RECTIFIERS 50 to 1000 Volts
KBJL6005G MCC-KBJL6005G Datasheet
332Kb / 2P
6.0 Amp Glass Passivated Bridge Rectifiers 50 to 1000 Volts
KBJL8005G MCC-KBJL8005G Datasheet
287Kb / 2P
4 Amp GLASS PASSIVATED BRIDGE RECTIFIERS 50 to 1000 Volts
KBJL10005G MCC-KBJL10005G Datasheet
247Kb / 2P
10 Amp GLASS PASSIVATED BRIDGE RECTIFIERS 50 to 1000 Volts
KBJL15005G MCC-KBJL15005G Datasheet
186Kb / 2P
15 Amp GLASS PASSIVATED BRIDGE RECTIFIERS 50 to 1000 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com