Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

iW626-21 Datasheet(PDF) 2 Page - Dialog Semiconductor

Part # iW626-21
Description  AC/DC Secondary-Side Controller for Qualcomm
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

iW626-21 Datasheet(HTML) 2 Page - Dialog Semiconductor

  iW626-21 Datasheet HTML 1Page - Dialog Semiconductor iW626-21 Datasheet HTML 2Page - Dialog Semiconductor iW626-21 Datasheet HTML 3Page - Dialog Semiconductor iW626-21 Datasheet HTML 4Page - Dialog Semiconductor iW626-21 Datasheet HTML 5Page - Dialog Semiconductor iW626-21 Datasheet HTML 6Page - Dialog Semiconductor iW626-21 Datasheet HTML 7Page - Dialog Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
iW626
AC/DC Secondary-Side Controller for Qualcomm® Quick
ChargeTM 2.0 USB Interface and Secondary-Primary Communication
Rev. 0.6 Preliminary
Product Summary
© 2016 Dialog Semiconductor
www.dialog-semiconductor.com
2 of 7
4-August-2016
Figure 3.1 : iW626 Typical Application Circuit for Multi-Level Output Voltage and Current
(Using iW1780 as Primary-Side Controller. Achieving <10mW No-Load Power Consumption)
U2
iW626
VOUT
RTN
+
+
+
U1
iW1780
VSENSE
SD
VCC
GND
1
2
3
8
7
6
4
5
NTC
L
N
OUTPUT
CS/CDC
DLNK
ASU
RCDC
3
1
DRV
GND
2
4
6
5
DIS
VCC
D-
D+
D+
D-



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com