Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SSM3K03FE Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # SSM3K03FE
Description  TOSHIBA Field Effect Transistor Silicon N Channel MOS Type
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

SSM3K03FE Datasheet(HTML) 1 Page - Toshiba Semiconductor

  SSM3K03FE Datasheet HTML 1Page - Toshiba Semiconductor SSM3K03FE Datasheet HTML 2Page - Toshiba Semiconductor SSM3K03FE Datasheet HTML 3Page - Toshiba Semiconductor SSM3K03FE Datasheet HTML 4Page - Toshiba Semiconductor SSM3K03FE Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SSM3K03FE
2003-03-27
1
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type
SSM3K03FE
High Speed Switching Applications
Analog Switch Applications
· 2.5 V gate drive
· High input impedance
· Low gate threshold voltage: Vth = 0.7~1.3 V
· Small package
Maximum Ratings (Ta
==== 25°C)
Characteristics
Symbol
Rating
Unit
Drain-source voltage
VDS
20
V
Gate-source voltage
VGSS
10
V
DC drain current
ID
100
mA
Drain power dissipation
PD
100
mW
Channel temperature
Tch
150
°C
Storage temperature range
Tstg
-55~150
°C
Marking
Equivalent Circuit
Unit: mm
JEDEC
―
JEITA
―
TOSHIBA
2-2HA1B
Weight: 2.3 mg (typ.)


Similar Part No. - SSM3K03FE

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM3K03FE TOSHIBA-SSM3K03FE Datasheet
568Kb / 5P
High Speed Switching Applications
SSM3K03FE TOSHIBA-SSM3K03FE_07 Datasheet
568Kb / 5P
High Speed Switching Applications
More results

Similar Description - SSM3K03FE

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
HN1K04FU TOSHIBA-HN1K04FU Datasheet
124Kb / 5P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type
SSM3K17FU TOSHIBA-SSM3K17FU Datasheet
234Kb / 5P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type
SSM6N04FU TOSHIBA-SSM6N04FU Datasheet
175Kb / 5P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type
SSM3K116TU TOSHIBA-SSM3K116TU_14 Datasheet
166Kb / 5P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type
SSM6K202FE TOSHIBA-SSM6K202FE_14 Datasheet
194Kb / 5P
TOSHIBA Field-Effect Transistor Silicon N-Channel MOS Type
TK8A60DA TOSHIBA-TK8A60DA Datasheet
266Kb / 6P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type
K15A50D TOSHIBA-K15A50D Datasheet
256Kb / 6P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (MOS)
SSM3K35CT TOSHIBA-SSM3K35CT Datasheet
215Kb / 5P
TOSHIBA Field-Effect Transistor Silicon N-Channel MOS Type
SSM3K44FS TOSHIBA-SSM3K44FS Datasheet
171Kb / 5P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type
SSM3K44MFV TOSHIBA-SSM3K44MFV Datasheet
204Kb / 5P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com