Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST34C87 Datasheet(PDF) 3 Page - Exar Corporation

Part # ST34C87
Description  QUAD RS-422 CMOS Differential Line Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

ST34C87 Datasheet(HTML) 3 Page - Exar Corporation

  ST34C87 Datasheet HTML 1Page - Exar Corporation ST34C87 Datasheet HTML 2Page - Exar Corporation ST34C87 Datasheet HTML 3Page - Exar Corporation ST34C87 Datasheet HTML 4Page - Exar Corporation ST34C87 Datasheet HTML 5Page - Exar Corporation ST34C87 Datasheet HTML 6Page - Exar Corporation ST34C87 Datasheet HTML 7Page - Exar Corporation ST34C87 Datasheet HTML 8Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
ST34C87
3
Rev. 1.01
AC ELECTRICAL CHARACTERISTICS
Test Conditions: -40
°C - +85°C, VCC = 5.0V + 10% unless otherwise specified.
Symbol
Parameter
Min.
Typ.
Max.
Unit
Conditions
T1
Propagation Delay, Input to
Output
8
10
ns
S1 open
T2
Differential Output Rise and Fall
Time
8
10
ns
S1 open
T3
Output Enable Time
18
20
ns
S1 close
T4
Output Disable Time
18
20
ns
S1 close
T51
Skew
2
ns
S1 open
Note:
1 Skew is defined as the difference in propagation delays between complementary outputs at the 50% point.
DC ELECTRICAL CHARACTERISTICS
Test Conditions: TA = -40°C - +85°C, VCC = 5.0V + 10% unless otherwise specified.
Symbol
Parameter
Min.
Typ.
Max.
Unit
Conditions
IIN
Input Current
+1.0
mA
ICC
Operating Current
600
mA
IOZ
Three-State Output Leakage
+2.0
mA
VIH
Input High Level
2.0
V
VIL
Input Low Level
0.8
V
VOH
Output High Level
2.5
V
VOL
Output Low Level
0.5
V
VOS
Differential Output Level
2.0
V
RL=100W
VOC
Common Mode Output Voltage
3.0
V
RL=100W
VOD
Difference in Common Mode
Output
0.4
RL=100W
CIN
Input Capacitance
7
10
15
pF
CPD
Power Dissipation Capacitance
100
pF
IOS
Output Short Current
-200
-30
mA
VIN=VCC or GND
IOFF
Output Leakage Current Power
Off
100
mA
VOUT=6V
-100
mA
VOUT=0.25V
IDC
Output Current
+150
mA
Specifications are subject to change without notice



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com